Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9575ARUZLVD Datasheet(PDF) 1 Page - Analog Devices

Part # AD9575ARUZLVD
Description  Network Clock Generator, Two Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575ARUZLVD Datasheet(HTML) 1 Page - Analog Devices

  AD9575ARUZLVD Datasheet HTML 1Page - Analog Devices AD9575ARUZLVD Datasheet HTML 2Page - Analog Devices AD9575ARUZLVD Datasheet HTML 3Page - Analog Devices AD9575ARUZLVD Datasheet HTML 4Page - Analog Devices AD9575ARUZLVD Datasheet HTML 5Page - Analog Devices AD9575ARUZLVD Datasheet HTML 6Page - Analog Devices AD9575ARUZLVD Datasheet HTML 7Page - Analog Devices AD9575ARUZLVD Datasheet HTML 8Page - Analog Devices AD9575ARUZLVD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Network Clock Generator, Two Outputs
AD9575
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Fully integrated VCO/PLL core
0.39 ps rms jitter from 12 kHz to 20 MHz at 156.25 MHz
0.15 ps rms jitter from 1.875 MHz to 20 MHz at 156.25 MHz
0.40 ps rms jitter from 12 kHz to 20 MHz at 106.25 MHz
0.15 ps rms jitter from 637 kHz to 10 MHz at 106.25 MHz
Input crystal frequency of 19.44 MHz, 25 MHz, or
25.78125 MHz
Pin selectable divide ratios for 33.33 MHz, 62.5 MHz,
100 MHz, 106.25 MHz, 125 MHz, 155.52 MHz, 156.25 MHz,
159.375 MHz, 161.13 MHz, and 312.5 MHz outputs
LVDS/LVPECL/LVCMOS output format
Integrated loop filter
Space saving 4.4 mm × 5.0 mm TSSOP
100 mW power dissipation (LVDS output)
120 mW power dissipation (LVPECL output)
3.3 V operation
APPLICATIONS
GbE/FC/SONET line cards, switches, and routers
CPU/PCI-e applications
Low jitter, low phase noise clock generation
GENERAL DESCRIPTION
The AD9575 provides a highly integrated, dual output clock
generator function including an on-chip PLL core that is
optimized for network clocking. The integer-N PLL design is
based on the Analog Devices, Inc., proven portfolio of high
performance, low jitter frequency synthesizers to maximize line
card performance. Other applications with demanding phase
noise and jitter requirements also benefit from this part.
The PLL section consists of a low noise phase frequency detector
(PFD), a precision charge pump, a low phase noise voltage
controlled oscillator (VCO), and pin selectable feedback and
output dividers.
By connecting an external crystal, popular network output
frequencies can be locked to the input reference. The output
divider and feedback divider ratios are pin programmable for the
required output rates. No external loop filter components are
required, thus conserving valuable design time and board space.
The AD9575 is available in a 16-lead, 4.4 mm × 5.0 mm TSSOP
and can be operated from a single 3.3 V supply. The temperature
range is −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
VDD × 5
GND × 5
AD9575
XTAL
OSC
VCO
100MHz
TO 312.5MHz
LVDS OR
LVPECL
LVCMOS
33.33MHz/
62.5MHz/SEL1
LDO
SEL0
SEL
Figure 1.


Similar Part No. - AD9575ARUZLVD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9572 AD-AD9572 Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results

Similar Description - AD9575ARUZLVD

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
   11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
logo
Maxim Integrated Produc...
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
   Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com