Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9575ARUZLVD Datasheet(PDF) 4 Page - Analog Devices

Part # AD9575ARUZLVD
Description  Network Clock Generator, Two Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575ARUZLVD Datasheet(HTML) 4 Page - Analog Devices

  AD9575ARUZLVD Datasheet HTML 1Page - Analog Devices AD9575ARUZLVD Datasheet HTML 2Page - Analog Devices AD9575ARUZLVD Datasheet HTML 3Page - Analog Devices AD9575ARUZLVD Datasheet HTML 4Page - Analog Devices AD9575ARUZLVD Datasheet HTML 5Page - Analog Devices AD9575ARUZLVD Datasheet HTML 6Page - Analog Devices AD9575ARUZLVD Datasheet HTML 7Page - Analog Devices AD9575ARUZLVD Datasheet HTML 8Page - Analog Devices AD9575ARUZLVD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD9575
Rev. 0 | Page 4 of 16
LVDS
LVCMOS
LVPECL
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
PLL Noise (312.5 MHz Output)
At 1 kHz
−112
−112
dBc/Hz
At 10 kHz
−119
−119
dBc/Hz
At 100 kHz
−120
−120
dBc/Hz
At 1 MHz
−140
−142
dBc/Hz
At 10 MHz
−152
−154
dBc/Hz
At 30 MHz
−153
−155
dBc/Hz
PLL Noise (33.33 MHz Output)
At 1 kHz
−131
dBc/Hz
At 10 kHz
−138
dBc/Hz
At 100 kHz
−140
dBc/Hz
At 1 MHz
−155
dBc/Hz
At 5 MHz
−155
dBc/Hz
PLL Noise (62.5 MHz Output)
At 1 kHz
−126
dBc/Hz
At 10 kHz
−133
dBc/Hz
At 100 kHz
−134
dBc/Hz
At 1 MHz
−150
dBc/Hz
At 5 MHz
−152
dBc/Hz
Spurious Content
−70
−70
dBc
PLL Figure of Merit
−217
−217
dBc/Hz
LVDS CLOCK OUTPUT JITTER (TYP/MAX)
Typical (typ) value is given for VS = 3.3 V, TA = 25°C, unless otherwise noted.
Table 2.
Jitter Integration Bandwidth
100 MHz
106.25 MHz
125 MHz
155.52 MHz
156.25 MHz
159.375 MHz
312.5 MHz
Unit
12 kHz to 20 MHz
0.38/0.50
0.40/0.54
0.37/0.47
0.41/0.54
0.39/0.51
0.38/0.51
0.36/0.48
ps rms
1.875 MHz to 20 MHz
0.15/0.27
ps rms
0.637 MHz to 10 MHz
0.15/0.21
ps rms
LVPECL CLOCK OUTPUT JITTER (TYP/MAX)
Typical (typ) value is given for VS = 3.3 V, TA = 25°C, unless otherwise noted.
Table 3.
Jitter Integration Bandwidth
100 MHz
106.25 MHz
125 MHz
155.52 MHz
156.25 MHz
159.375 MHz
312.5 MHz
Unit
12 kHz to 20 MHz
0.36/0.46
0.44/0.68
0.36/0.45
0.40/0.52
0.39/0.64
0.41/0.62
0.38/0.49
ps rms
1.875 MHz to 20 MHz
0.19/0.54
ps rms
0.637 MHz to 10 MHz
0.22/0.35
ps rms


Similar Part No. - AD9575ARUZLVD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9572 AD-AD9572 Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results

Similar Description - AD9575ARUZLVD

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
   11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
logo
Maxim Integrated Produc...
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
   Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com