Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPVQ5 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ5
Description  Micro Switch Type with Female Connector Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ5 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ5 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ5 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power
62
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Poles
1
2
Female connector
type
Positions
Product No.
Terminal type
7,500
Minimum
order unit
(pcs)
SPVQ510101
Micro Switch Type with Female Connector Terminal
SPVQ5 Series
A connector type detector switch eliminates the need for solder.
Detector Switch
Unit:mm
Dimensions
Style
5.8
4.2
2.5
4.2
1.5
¿2.3X2
2-0.9
1.6
3.6
3.6
5.3
10.6
12.2
1.6
1.7
¿2.2
Terminal No. 1
Terminal No. 2
Terminal No. 3
Terminal No. 1-3
On starting point
Total travel
position
Free position,
Terminal No. 1-2 on
Terminal No. 1-2
Off sterting point
Reference for operating range
Unit:mm
3
2
1
Circuit Diagram
Terminal Type
3.6
3.6
5.3
10.6
¿2
0.5
3-1
Operating life
0.1A 12V DC/50
BA 5V DC
2N max.
500m
Ωmax./1Ωmax.
300,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial/After operating life)
Operating force
300,000cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications
Please place purchase orders per minimum order unit
(integer).
Note


Similar Part No. - SPVQ5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ510101 ALPS-SPVQ510101 Datasheet
857Kb / 3P
   Micro Switch Type with Female Connector Terminal
SPVQ5 ALPS-SPVQ5_15 Datasheet
857Kb / 3P
   Micro Switch Type with Female Connector Terminal
More results

Similar Description - SPVQ5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ5 ALPS-SPVQ5_15 Datasheet
857Kb / 3P
   Micro Switch Type with Female Connector Terminal
SSCT ALPS-SSCT_15 Datasheet
879Kb / 3P
   Micro Switch Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
   Two-way Detection Type with Female Connector Terminal
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
   Two-way Detection Type with Female Connector Terminal
logo
Molex Electronics Ltd.
0430300001-12-R4 MOLEX11-0430300001-12-R4 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
0430300001-12-B2 MOLEX11-0430300001-12-B2 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
0430310001-12-G2 MOLEX11-0430310001-12-G2 Datasheet
132Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
0430310001-12-B2 MOLEX11-0430310001-12-B2 Datasheet
132Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
logo
List of Unclassifed Man...
2584106 ETC-2584106 Datasheet
697Kb / 1P
   RH TYPE TERMINAL FEMALE
2001/08/06
logo
Molex Electronics Ltd.
35746-0210 MOLEX2-35746-0210 Datasheet
67Kb / 1P
   .070 FEMALE TERMINAL(A-TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com