Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9246RGCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9246RGCT
Description  Digital PWM System Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9246RGCT Datasheet(HTML) 2 Page - Texas Instruments

  UCD9246RGCT Datasheet HTML 1Page - Texas Instruments UCD9246RGCT Datasheet HTML 2Page - Texas Instruments UCD9246RGCT Datasheet HTML 3Page - Texas Instruments UCD9246RGCT Datasheet HTML 4Page - Texas Instruments UCD9246RGCT Datasheet HTML 5Page - Texas Instruments UCD9246RGCT Datasheet HTML 6Page - Texas Instruments UCD9246RGCT Datasheet HTML 7Page - Texas Instruments UCD9246RGCT Datasheet HTML 8Page - Texas Instruments UCD9246RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
UCD9246
SLVSA34 – JANUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
OPERATING TEMPERATURE
ORDERABLE PART
PIN COUNT
SUPPLY
PACKAGE
TOP SIDE
RANGE, TA
NUMBER
MARKING
UCD9246RGCR
64-pin
Reel of 2000
QFN
UCD9246
–40°C to 125°C
UCD9246RGCT
64-pin
Tray of 250
QFN
UCD9246
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Voltage applied at V33D to DGND
–0.3 to 3.8
V
Voltage applied at V33A to AGND
–0.3 to 3.8
V
Voltage applied to any pin(2)
–0.3 to 3.8
V
Storage temperature (TSTG)
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to GND.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V
Supply voltage during operation, V33D, V33DIO, V33A
3
3.3
3.6
V
TA
Operating free-air temperature range(1)
–40
125
°C
TJ
Junction temperature (1)
125
°C
(1)
When operating, the UCD9246’s typical power consumption causes a 15°C temperature rise from ambient.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV33A
V33A = 3.3 V
8
15
IV33DIO
V33DIO = 3.3 V
2
10
Supply current
mA
IV33D
V33D = 3.3 V
40
45
V33D = 3.3 V storing configuration parameters
IV33D
50
55
in flash memory
INTERNAL REGULATOR CONTROLLER INPUTS/OUTPUTS
V33
3.3-V linear regulator
Emitter of NPN transistor
3.25
3.3
3.6
V
V33FB
3.3-V linear regulator feedback
4
4.6
IV33FB
Series pass base drive
VVIN = 12 V
10
mA
Beta
Series NPN pass device
40
EXTERNALLY SUPPLIED 3.3 V POWER
V33D
Digital 3.3-V power
TA = 25°C
3.0
3.6
V
V33A
Analog 3.3-V power
TA = 25°C
3.0
3.6
V
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - UCD9246RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
UCD9240 TI-UCD9240 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9246RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com