Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65072 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65072
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65072 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65072 Datasheet HTML 3Page - Texas Instruments TPS65072 Datasheet HTML 4Page - Texas Instruments TPS65072 Datasheet HTML 5Page - Texas Instruments TPS65072 Datasheet HTML 6Page - Texas Instruments TPS65072 Datasheet HTML 7Page - Texas Instruments TPS65072 Datasheet HTML 8Page - Texas Instruments TPS65072 Datasheet HTML 9Page - Texas Instruments TPS65072 Datasheet HTML 10Page - Texas Instruments TPS65072 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
DCDC3 CONVERTER (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal resistor divider, I2C
Fixed output voltage range
0.725
3.3
V
selectable (Default setting)
For DEFDCDC3 = LOW
1.0
Default output voltage for TPS65070
For DEFDCDC3 = HIGH
1.2
For DEFDCDC3 = LOW
1.2
Default output voltage for TPS65072
V
Vout
For DEFDCDC3 = HIGH
1.4
For DEFDCDC3 = LOW
1.2
Default output voltage for TPS65073, TPS650731, TPS650732
For DEFDCDC3 = HIGH
1.35
DC output voltage accuracy; PFM mode (1)
–2%
3%
VINDCDC3 = 2.8 V to 6.3 V;
0 mA
≤ IO ≤ 1.5 A
DC output voltage accuracy; PWM mode (1)
–1.5%
1.5%
Vout
DC output voltage accuracy with resistor divider at DEFDCDC3; PFM
–2%
3%
VINDCDC3 = VDCDC3 +0.3 V (min
2.8 V) to 6.3 V; 0 mA
≤ IO ≤ 1.5A
Vout
DC output voltage accuracy with resistor divider at DEFDCDC3; PWM
–1%
1%
ΔVOUT
Power save mode ripple voltage
IOUT = 1 mA, PFM mode
(2)
40
mVpp
Time from active EN to Start
tStart
Start-up time
170
μs
switching
Time to ramp from 5% to 95% of
tRamp
VOUT ramp up time
250
μs
VOUT
Vo -
power good threshold
rising voltage
5%
Vo -
power good threshold
falling voltage
10%
RDIS
Internal discharge resistor at L3
–35%
250
35%
(1)
Output voltage specification does not include tolerance of external voltage programming resistors. Output voltage in PFM mode is
scaled to +1% of nominal value.
(2)
Configuration L= 2.2
μH, COUT = 10 μF
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65072 TI-TPS65072 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65072 TI-TPS65072 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65072-Q1 TI1-TPS65072-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65072RSL TI-TPS65072RSL Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65072RSL TI-TPS65072RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com