Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV604PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWP
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV604PWP Datasheet HTML 6Page - Texas Instruments DRV604PWP Datasheet HTML 7Page - Texas Instruments DRV604PWP Datasheet HTML 8Page - Texas Instruments DRV604PWP Datasheet HTML 9Page - Texas Instruments DRV604PWP Datasheet HTML 10Page - Texas Instruments DRV604PWP Datasheet HTML 11Page - Texas Instruments DRV604PWP Datasheet HTML 12Page - Texas Instruments DRV604PWP Datasheet HTML 13Page - Texas Instruments DRV604PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
R
in
R
in
R
fb
R
fb
+
-
C
in
C
in
- In
+ In
R
in
R
fb
+
-
C
in
- In
R
in
R
fb
R
x
+
-
C
x
C
in
+ In
Differential
Input
Inverting
Non
Inverting
DRV604
SLOS659 – JANUARY 2010
www.ti.com
Decoupling Capacitors
The DRV604 is a DirectPath™ amplifier that requires adequate power supply decoupling to ensure that the noise
and total harmonic distortion (THD) are low. A good low equivalent-series-resistance (ESR) ceramic capacitor,
typically 1µF, placed as close as possible to the device PVDD leads works best. Placing this decoupling
capacitor close to the DRV604 is important for the performance of the amplifier. For filtering lower frequency
noise signals, a 10µF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device.
Gain Setting Resistors Ranges
The gain setting resistors, Rin and Rfb, must be chosen so that noise, stability and input capacitor size of the
DRV604 is kept within acceptable limits. Voltage gain is defined as Rfb divided by Rin. Selecting values that are
too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too high increases the noise
of the amplifier. Table 1 lists the recommended resistor values for different gain settings.
Table 1. Recommended Resistor Values
INPUT RESISTOR
FEEDBACK RESISTOR
DIFFERENTIAL
INVERTING INPUT
NON INVERTING
VALUE, Rin
VALUE, Rfb
INPUT GAIN
GAIN
INPUT GAIN
10 k
Ω
10 k
Ω
1.0 V/V
–1.0 V/V
2.0 V/V
10 k
Ω
15 k
Ω
1.5 V/V
–1.5 V/V
2.5 V/V
10 k
Ω
20 k
Ω
2.0 V/V
–2.0 V/V
3.0 V/V
4.7 k
Ω
47 k
Ω
10.0 V/V
–10.0 V/V
11.0 V/V
Figure 14. Differential, Inverting and Non-inverting Gain Configuration
Internal and External Under Voltage Detection and RESET Output
The DRV604 contains an internal precision band gap reference voltage and 2 comparators, one is used to
monitor the supply voltages, PVDD_LD and PVDD_HP, and the other to monitor an external user selectable
voltage on pin 25. The internal PVDD monitor is set at 2.8 V with 200 mV hysteresis.
The external under voltage detection can be used to shutdown the DRV604 before an input device can make a
pop. The shutdown threshold at the Ex_UVP pin is 1.25 V. A resistor divider is used to obtain the shutdown
threshold and hysteresis desired for the application.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604


Similar Part No. - DRV604PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJR TI-DRV600RTJR Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJR TI-DRV600RTJR Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJT TI-DRV600RTJT Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
More results

Similar Description - DRV604PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com