Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

01206TF-3-0.00145 Datasheet(PDF) 6 Page - Electronic Film Capacitors, Inc.

Part # 01206TF-3-0.00145
Description  POLYPROPYLENE and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

01206TF-3-0.00145 Datasheet(HTML) 6 Page - Electronic Film Capacitors, Inc.

  01206TF-3-0.00145 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 01206TF-3-0.00145 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DIMENSIONS and RATINGS
1206EFR
Cap.
<
L _.010"
>
_ .010"
+
H
ELECTRONIC FILM CAPACITORS, INC
.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
+
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.240
.240
.240
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.400
.400
.570
.570
.570
.570
.160
.160
.160
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.240
.240
.240
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.400
.400
.570
.570
.570
.570
.700
.570
.700
.700
.160
.160
.180
.180
.180
.180
.180
.180
.240
.240
.240
.300
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.400
.400
.570
.570
.570
.700
.700
.570
.700
.700
.800
.800
EFC
1206EFR
T
_ .010"
+
< >
<
S _.015"
>
+
1.00 "
MIN
1206EFR-3
600 VDC
1206EFR-3
400 VDC
1206EFR-3
200 VDC
1206EFR-1
50 VDC
.180
.180
.180
.180
.240
.240
.300
.300
.300
.300
.300
.300
.300
.300
.400
.400
.400
.440
.400
.400
.400
.570
.570
.570
.700
.700
.570
.700
.700
.700
.800
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
µµµµµF
Polypropylene
and Foil
Capacitors
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.370
.370
.370
.430
.430
.430
.430
.430
.430
.550
.550
.550
.550
.550
.550
.730
.730
.740
.740
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.370
.370
.370
.430
.430
.430
.430
.430
.430
.550
.550
.550
.550
.550
.550
.730
.730
.730
.730
.940
.730
1.125
1.125
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.370
.370
.370
.430
.430
.430
.430
.430
.430
.430
.550
.550
.550
.550
.550
.730
.730
.730
.730
.940
.940
.730
1.125
1.125
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.570
.570
.570
.670
.670
.670
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.750
1.750
1.750
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.670
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.750
1.750
1.750
1.750
1.750
.330
.330
.330
.330
.370
.370
.430
.430
.430
.430
.430
.430
.430
.430
.550
.550
.550
.550
.550
.550
.550
.730
.730
.730
.940
.940
.730
1.125
1.125
1.125
1.125
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.670
.670
.820
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.750
1.750
1.750
1.750
1.750
T
L
H
T
L
H
T
L
H
T
L
H
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.240
.240
.240
.300
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.400
.570
.570
.570
.570
.700
.700
.570
.700
.700
T
L
H
L
.420
.550
.670
.820
1.04
1.24
1.75
AWG
22
22
22
22
22
20
20
S
.30
.40
.50
.60
.80
1.10
1.60
Epoxy Case
(Radial Leads)
Lead Specs. - Tinned Copperweld
1206EFR-2
100-150 VDC
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.750
1.750
1.750
.330
.330
.330
.330
.330
.330
.330
.330
.370
.370
.370
.430
.430
.430
.430
.430
.430
.430
.550
.550
.550
.550
.550
.550
.730
.730
.730
.940
.940
.730
1.125
1.125
1.125
1.125
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.670
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240


Similar Part No. - 01206TF-3-0.00145

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
01206 WINCHESTER-01206 Datasheet
27Kb / 1P
   POWER SNAP PC BOARD THRUHOLE 40 AMP
More results

Similar Description - 01206TF-3-0.00145

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206TC EFC-1206TC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRB EFC-1206DFRB Datasheet
13Kb / 1P
   Miniature Polypropylene and Foil
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com