Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPEF Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEF
Description  Surface Mount Type Push Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEF Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPEF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.5
9.4
2.5
ø1.4
ø0.9
9.8
12.2
6
1.2
11
3.5
2.5
9
5.7
6.7
A
Terminal No. C
Terminal No.1
Terminal No.2
PC board mounting face
Lock position
Full stroke position
106
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Circuit DiagramViewed from Direction A
1
2
C
9.8
6
12.2
¿1.6
(hole
¿1.1
(hole
4-¿1.3
(hole
2-¿1.5
(hole
1.2
1.2
2
2.5
13.6
9.4
3.5
¿1.4
6
2.5
11.3
3.5
9
6.7
Terminal No.1
Terminal No.2
Terminal No. C
A
¿0.9
Full stroke position
Lock position
No.
1
2
Reflow Soldering Type
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
Dip Soldering Type
0.3
3.7
9.5
14.3
6
Surface MountType Push Switch
SPEF Series
Push Switch


Similar Part No. - SPEF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEF110100 ALPS-SPEF110100 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPEF110200 ALPS-SPEF110200 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPEF120100 ALPS-SPEF120100 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPEF120200 ALPS-SPEF120200 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPEF210101 ALPS-SPEF210101 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
More results

Similar Description - SPEF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKTG ALPS-SKTG Datasheet
759Kb / 3P
   1.55mm Height Side Push Mid-mount (Surface Mount Type)
SKSL ALPS-SKSL Datasheet
754Kb / 3P
   Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
SKSN ALPS-SKSN_15 Datasheet
763Kb / 3P
   Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027740891 MOLEX1-5027740891_19 Datasheet
31Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Reverse Mount Surface Mount, Push-Push Type
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
   Normal mount & push-push eject type
logo
ALPS ELECTRIC CO.,LTD.
SKRH ALPS-SKRH Datasheet
177Kb / 3P
   4-direction with Center-push Function (Surface mount type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
   1.25mm Height Low-profile Side Push (Surface Mount Type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
   4-direction with Center-push Function (Surface Mount Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com