Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1206EC-X-0.00141 Datasheet(PDF) 2 Page - Electronic Film Capacitors, Inc.

Part # A1206EC-X-0.00141
Description  POLYPROPYLENE and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

A1206EC-X-0.00141 Datasheet(HTML) 2 Page - Electronic Film Capacitors, Inc.

  A1206EC-X-0.00141 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CASE CODE
TC - WRAP & FILL - ROUND - AXIAL
TF - WRAP & FILL - FLAT - AXIAL
EC - EPOXY CASE - ROUND - AXIAL
EF - EPOXY CASE - FLAT - AXIAL
EFR - EPOXY CASE - FLAT - RADIAL
CAPACITANCE
IN MICROFARADS (
µµµµµF)
VOLTAGE
.35 - 35 VDC
0 - 50 VDC
1 - 100 VDC
2 - 200 VDC
3 - 300 VDC
4 - 400 VDC
ETC.
SIZE CODE
3 - STANDARD
2 - MINIATURE
1 - SUBMINIATURE
X - NON-STANDARD
FOR EFC METRIC CASES USE THE
ONE LETTER CASE CODE LISTED.
FOR EFC "EC" STYLE USE THE
TWO LETTER CASE CODE.
TOLERANCE
1 - 1%
2 - 2%
5 - 5%
ETC.
DIELECTRIC CODE
1206 - POLYPROPYLENE/FOIL
1213 - METALLIZED POLYPROPYLENE
1306 - POLYESTER/FOIL
1313 - METALLIZED POLYESTER
1606 - POLYCARBONATE/FOIL
1613 - METALLIZED POLYCARBONATE
1906 - POLYSTYRENE/FOIL
CATALOG NOMENCLATURE
* 1206 EFR - 3 - .001 - 1 - 5
* OPTIONS
THE FOLLOWING OPTIONS ARE AVAILABLE FROM EFC BY SPECIFYING THE APPROPRIATE PREFIX.
A1206 = -150 PPM/OC +30 PPM
T1206 = -270 PPM/OC +30 PPM
01906 = ZERO PPM/OC +50 PPM
A1906 = -80 PPM/OC +30 PPM
T1906 = -120 PPM/OC +30 PPM
TEMPERATURE COEFFICIENTS:
Different T.C.'s are available in both Polypropylene and Polystyrene dielectrics. T.C.'s and the appropriate prefixes
are as follows:
HIGH VOLTAGE:
EFC high voltage metallized polyester capacitors are designed for use in high voltage power supplies,
rectifiers and other similar circuits. Voltage ratings to 15,000 DC are common-place at EFC.
Specify with the prefix HV.
AC CURRENT:
Specify metallized polyester and termination procedures to enable EFC to supply a small sized AC rated
capacitor for general purpose use at 60 HZ. Specify with the prefix AC.
HIGH AMPERAGE AND PULSE CURRENTS:
Dual metallized carriers allow these capacitors to handle high amperage and pulsing currents.
Available in both polyester and polypropylene dielectrics. Specify with the prefix MF.
Contact the factory for an MF spec. sheet.
SWITCH MODE POWER SUPPLY:
Polypropylene and polyester capacitors designed for SMPS have low ESR and high current rating should
be specified with the SP prefix.
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.


Similar Part No. - A1206EC-X-0.00141

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1206 EPCOS-A1206 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
List of Unclassifed Man...
A1206C100JCT ETC2-A1206C100JCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C100JNT ETC2-A1206C100JNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C101JCT ETC2-A1206C101JCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C101JNT ETC2-A1206C101JNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
More results

Similar Description - A1206EC-X-0.00141

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206TC EFC-1206TC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRB EFC-1206DFRB Datasheet
13Kb / 1P
   Miniature Polypropylene and Foil
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com