Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKRVAAE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRVAAE010
Description  Low-profile 4-direction with Center-push Function (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRVAAE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRVAAE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRVAAE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRVAAE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Variable
Resistor Type
Switch
Type
480
Multi Control
Devices
Product Line
Operating force
4-direction Center-
push
4-direction Center-
push
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial
contact
resistance
1.2N
2.4N
0.25m
m
0.15m
m
Product No.
SKRVAAE010
SKRVABE010
50mA
12V DC
Rating
(min.)
10
BA
1V DC
for each
direction
200,000cycles
500m
Ω
max.
Variety
Without
guide bosses
With guide
bosses
Low-profile 4-direction with Center-push Function (Surface Mount Type)
SKRV Series
Compact, low-profile type with height of 1.55mm.
Multi Control Devices TACT Switch
TM
Specification of Embossed Taping Package
(Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
17.5
Unit:mm
45$
6.45
0.5
0.3
The direction of
the operation
Center of
rotation 0.26
Guide bosses
6.5
¿3.3
1.2
3.5
1.2
)
*
,
+
1
2
3
4
5
6
Mark to indicate
common terminal side
(coin processed)
Dimension
PC board mounting hole and land
dimensions (Viewed from mounting face)
Unit:mm
ø0.75
hole
ø1
hole
2.1
4.9
5.3
7
Style
Circuit Diagram
Common
B
D
Center
A
C
1
2
3
4
5
6
Refer to P.492 for soldering conditions.
1. Please always solder the frame to secure switch intensity.
2. Please place purchase orders for taping products per minimum order unit (1 reel or 1 case).
Notes
1,500
Minimum order unit
(pcs.)
1,500
12,000
12,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKRVAAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRVAAE010 ALPS-SKRVAAE010 Datasheet
684Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
More results

Similar Description - SKRVAAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRV ALPS-SKRV_15 Datasheet
684Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
SKRH ALPS-SKRH Datasheet
177Kb / 3P
   4-direction with Center-push Function (Surface mount type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
   4-direction with Center-push Function (Surface Mount Type)
SKQU ALPS-SKQU Datasheet
244Kb / 4P
   4-direction with Center-push Function (SMD & Snap-inType)
RKJXS ALPS-RKJXS_15 Datasheet
838Kb / 3P
   8-direction center push type switch in 2.3mm low-profile design
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
   4-directional Stick Switch (with Encoder/Center-push Function)
logo
Rohm
RPI-1035 ROHM-RPI-1035 Datasheet
410Kb / 5P
   Surface Mount type 4 Direction Detector
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
   Surface Mount type 4 Direction Detector
RPI-1040 ROHM-RPI-1040 Datasheet
69Kb / 3P
   Surface Mount type 4 Direction Detector
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
   8-directional Stick Switch (with Center-push Function)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com