Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKRGALD010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRGALD010
Description  6.2mm Diameter Round Terminal (Radial Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRGALD010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRGALD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRGALD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRGALD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
292
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Box Size
6.2mm Diameter Round Terminal (Radial Type)
SKRG Series
Round-terminal vertical type with excellent PC board mounting performance.
ø6.2
øA
ø0.5
5
ø4
12.7
12.7
Stem
1
2
Product Line
Product No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Stem
height
Operating
direction
Style
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from switch mounting face)
Circuit Diagram
12
1. Please use 1.6mm thick PC boards.
2. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
Notes
Refer to P.306 for soldering conditions.
SKRGAAD010
SKRGABD010
SKRGACD010
1.27N
1.57N
2.55N
0.25
50mA
12V DC
Rating
(min.)
10
BA
1V DC
500,000cycles
200,000cycles
500m
Ω
max.
Black
White
Gray
SKRGADD010
1.27N
500,000cycles
Black
SKRGAED010
1.57N
White
SKRGAFD010
SKRGALD010
SKRGAMD010
SKRGAND010
SKRGAQD010
SKRGARD010
SKRGASD010
2.55N
1.27N
1.57N
2.55N
1.27N
1.57N
2.55N
200,000cycles
500,000cycles
200,000cycles
500,000cycles
200,000cycles
Gray
Black
White
Gray
Black
White
Gray
Vertical
h=4.3mm
h=5mm
h=7mm
h=9.5mm
h
4.3
5
7
9.5
A
3.4
3.4
3.2
2.9
TACT Switch
TM
Specification of Radial Taping Package (Taping Packaging for Auto-insertion)
"!
!!"
Unit:mm
"&
!!"
2-ø
1 h
ole
s
5
SKRGAL
to AS
SKRGAA
to AF
2,000
Minimum order unit
(pcs.)
2,000
20,000
20,000
Number of packages
(pcs.)
1 box
1 case /Japan
1 case
/export packing


Similar Part No. - SKRGALD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRGALD010 ALPS-SKRGALD010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
More results

Similar Description - SKRGALD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRG ALPS-SKRG_15 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRC ALPS-SKRC Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRC ALPS-SKRC_15 Datasheet
680Kb / 4P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKPL ALPS-SKPL Datasheet
186Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKRA ALPS-SKRA Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
logo
Marktech Corporate
MT5385-UV MARKTECH-MT5385-UV Datasheet
471Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
MT5400-UV MARKTECH-MT5400-UV Datasheet
447Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
logo
Cornell Dubilier Electr...
418P CDE-418P Datasheet
294Kb / 8P
   Radial-lead. Round profile.
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA_15 Datasheet
855Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com