Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKQGAA Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQGAA
Description  5.2mm Square Low-profile (Surface Mount Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQGAA Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKQGAA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQGAA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQGAA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQGAA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TACT Switch
TM
248
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
Sharp Feeling Type
□10
7.1
482
See the
relevant
pages for
respective
product
descriptions
11.5
11.9
11.3
265
□12
4.3
267
268
12
270
Snap–in
Surface mount
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKQU
4–direction
switchpush
switch
SKQB
Water–proof
Horizontal
type
SKQE
Long
Life
SKHC
SKHK
Long
Stem
SKRW
□3.7
0.35
Low–profile
SKRM
□4.5
0.4
SKQR
□4.8
0.5
SKRB
0.55
SKRR
7.5
7
0.6
Low–profile
and long life
SKQG
□5.2
0.8
Low–profile
Vertical
Horizontal
Series
Operating
temperature
range
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
SKRW/RM/RB/RR : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
271
272
273
274
276
275
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKQGAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKQGAAE010 ETC2-SKQGAAE010 Datasheet
178Kb / 5P
   TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
ALPS ELECTRIC CO.,LTD.
SKQGAAE010 ALPS-SKQGAAE010 Datasheet
861Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
More results

Similar Description - SKQGAA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKRN ALPS-SKRN Datasheet
170Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
DB Lectro Inc
B03 DBLECTRO-B03 Datasheet
209Kb / 1P
   FEMALE HEADER PROFILE : 5.2mm STRAIGHT
logo
ALPS ELECTRIC CO.,LTD.
SKRB ALPS-SKRB Datasheet
196Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
SKQR ALPS-SKQR Datasheet
180Kb / 3P
   0.5mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
   0.4mm Height Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com