Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKPMAME010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPMAME010
Description  Low Contact Resistance (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPMAME010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPMAME010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPMAME010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPMAME010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
301
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Product Line
Circuit Diagram
Dimensions
Unit:mm
Product No.
SKPMAME010
SKPMANE010
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
1.57N
1.96N
Vertical
SKPMAPE010
2.45N
SKPMBHE010
3N
1.3
50mA
16V DC
Rating
(min.)
10
BA
1V DC
100,000cycles
100m
Ω max.
Operating
direction
12
PC board land dimensions
(Viewed from switch mounting face)
Style
Refer to P.306 for soldering conditions.
Low Contact Resistance (Surface Mount Type)
SKPM Series
Soft feeling with metal contact provide low contact resistance.
TACT SwitchTM
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Reel Size
Plastic Reel
¿380
13.5
Unit:mm
Stem
2
1
6.6
5.9
5
8
4
1. For
φ330mm diameter reel requirements, please contact us.
2. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
Notes
2,000
Minimum order unit
(pcs.)
2,000
20,000
20,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKPMAME010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPMAME010 ALPS-SKPMAME010 Datasheet
847Kb / 3P
   Low Contact Resistance (Surface Mount Type)
More results

Similar Description - SKPMAME010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
   Low Contact Resistance (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
   Long-travel with Low Contact Resistance (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
   Low Contact Resistance
logo
World Produts Inc.
PCMP489 WPI-PCMP489 Datasheet
214Kb / 8P
   Low contact resistance
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
   CONTACT RESISTANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com