Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHJFFA010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHJFFA010
Description  8mm Square LED Built-in (Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHJFFA010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKHJFFA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHJFFA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHJFFA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHJFFA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHJFFA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TACT Switch
TM
247
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
Sharp Feeling Type
Snap–in
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKHR
□4.5
3.8
252
SKHL
6
3.5
4.3
253
SKHH
□6
255
SKHW
259
Dust–proof
type
SKRD
6.2
7.15
7.4
260
Horizontal
type
SKQJ
□6.6
5
261
SKHL
7.3
7.22
4.3
253
Horizontal type
SKHH
7.5
7.85
7.4
255
SKQJ
7.3
261
SKHJ
□8
8.5
263
With
LED
SKQB
□10
5
265
Water–
proof
Vertical
Horizontal
Series
Operating
temperature
range
ー20℃ to +70℃
SKHJ/HL
(Vertical Type)/QJ
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKHJFFA010

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKH HAMMOND-SKH Datasheet
65Kb / 2P
   Humidostat mecanique
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
   Cable Actuated Sensor CANOpen Output Signal
SKH-250-4 TEC-SKH-250-4 Datasheet
527Kb / 8P
   Cable Actuated Sensor CANOpen Output Signal
SKH-400-4 TEC-SKH-400-4 Datasheet
527Kb / 8P
   Cable Actuated Sensor CANOpen Output Signal
logo
celduc-relais
SKH10120 CELDUC-SKH10120 Datasheet
276Kb / 3P
   Solid State Relay for printed circuit board
More results

Similar Description - SKHJFFA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
SKHR ALPS-SKHR Datasheet
191Kb / 3P
   4.5mm Square Compact (Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com