Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-2U2320-4U01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-2U2320-4U01
Description  Intel짰 Core??2 Duo 2U Micro-ATX System with One PCIe x16 & Two PCI Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-2U2320-4U01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-2U2320-4U01 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-2U2320-4U01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-Configured Systems
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
SYS-2U2320-4U01
Intel® Core™ 2 Duo
2U Micro-ATX System with
One PCIe x16 & Two PCI
Slots
Intel Q965 platform
Supports Intel Core 2 Duo processor up to 2.66 GHz (LGA 775)
Supports dual channel DDR2 SDRAM up to 8 GB
RAID ready platform
Dual easy-to-access SATA HDD trays
Optional optical drive and reserved space for 2 internal HDDs
Expandability
Supports one PCIe x16 and two PCI add-on cards with optional riser
card kit
-
-
-
-
-
Specifications
Form Factor
2U Rackmount
Processor System
Chipset
Intel Q965 + ICH8DO
CPU
Intel Core 2 Quad
2.66 GHz
Core 2 Duo
2.66 GHz
Pentium Dual Core
2.2 GHz
Pentium 4
3.8 GHz
Celeron D
3.6 GHz
L2 Cache
8 MB
4 MB
1 MB
2 MB / 1 MB
512 KB
Front Side Bus
533/800/1066 MHz
Memory
Dual channel DDR2 533/667/800 SDRAM up to 8 GB
Graphics
Controller
Intel Q965 integrated
VRAM
Dynamically shared system memory up to 256 MB
Expansion Slot
PCIe x16
1
PCI
2 x 32-bit
Storage
Optical Drive (supported)
Slim DVD-ROM / CD-RW / CD-ROM
HDD (supported)
SATA
Drive Bay
Slim ODD Bay
1
3.5" (front-accessible)
2
3.5" (internal)
2
Ethernet
Interface
10/100/1000 Mbps Gigabit Ethernet
Controller
Intel 82566DM
Front I/O Interface
USB
2
PS/2
1
Rear I/O Interface
USB
4
PS/2
2
COM
1
VGA
1
Parallel
1
RJ-45
1
Audio
3 (Mic-in, Line-In, Line-Out)
Operating System
Microsoft Windows 2000/ XP/ Vista
Watchdog Timer
Output
System Reset
Interval
Programmable 1 ~ 255 seconds
Power Supply
Power Output Wattage
300 W
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
2 (8 cm / 47 CFM) + 1 (6 cm / 28 CFM)
Air Filter
Yes
Miscellaneous
LED Indicators
Power status, HDD activity, temperature and fan
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C non-condensing
Physical Characteristics
Dimensions (W x H x D)
482 x 88 x 480 mm (19" x 3.5" x 18.9")
Weight
16 kg (35 lb)


Similar Part No. - SYS-2U2320-4U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-2U2320-2A02 ADVANTECH-SYS-2U2320-2A02 Datasheet
352Kb / 2P
   2U Rackmount Pentium짰 4 System with Two Front-accessible SATA Trays
SYS-2U2320-3A01 ADVANTECH-SYS-2U2320-3A01 Datasheet
234Kb / 2P
   2U RAID Ready System for Easy Data Mirroring
SYS-2U2320-7A01 ADVANTECH-SYS-2U2320-7A01 Datasheet
2Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX system with Dual Mobile SATA/SAS HDD Trays
SYS-2U2320-8A01 ADVANTECH-SYS-2U2320-8A01 Datasheet
1Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX System with Dual Mobile SATA/SAS HDD Trays
More results

Similar Description - SYS-2U2320-4U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U630-4A01 ADVANTECH-SYS-4U630-4A01 Datasheet
480Kb / 2P
   Intel짰 Core??2 Duo 4U ATX System with PCIe x16, PCIe x1 & 5 PCI Slots
SYS-2U2000-4S02 ADVANTECH-SYS-2U2000-4S02 Datasheet
729Kb / 2P
   Intel짰 Core??2 Duo 2U SBC System with Four 32-bit PCI Slots
SYS-4U510-4A01E ADVANTECH-SYS-4U510-4A01E Datasheet
411Kb / 2P
   4U Intel짰 Core??2 Duo ATX System with Front HDD Bays & PCIe x16 Slot
SYS-4U510-4A01 ADVANTECH-SYS-4U510-4A01 Datasheet
473Kb / 2P
   4U Intel짰 Core??2 Duo ATX System with Front HDD Bays & PCIe x16 Slot
SYS-2U2000-4S01 ADVANTECH-SYS-2U2000-4S01 Datasheet
268Kb / 1P
   Intel짰 Core i7/i5/i3 & Core?? Duo 2U SBC System with Four PCI Slots
SYS-1U1320-4A01 ADVANTECH-SYS-1U1320-4A01 Datasheet
643Kb / 2P
   1U Intel짰 Core??2 ATX System with One PCIe x4 Slot & Two SATA Trays
SYS-8W6608-4S02 ADVANTECH-SYS-8W6608-4S02 Datasheet
392Kb / 2P
   Wallmount Intel짰 Core??2 Duo SBC System with 4 PCI & 2 ISA Slots
SYS-4U610-4S01 ADVANTECH-SYS-4U610-4S01 Datasheet
538Kb / 2P
   Performance Intel짰 Core??2 Duo 4U SBC System with 10 PCI & 2 ISA Slots
SYS-2U2010-2A01 ADVANTECH-SYS-2U2010-2A01 Datasheet
395Kb / 2P
   2U Intel짰 Pentium짰 4 2U System with 3 PCI slots
SYS-4U610-4A02 ADVANTECH-SYS-4U610-4A02 Datasheet
431Kb / 2P
   4U Intel짰 Core??2 Quad ATX / Core 2 Duo SBC System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com