Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHHAPA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHHAPA010
Description  6mm Square (Snap-in Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHHAPA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHHAPA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SKHHAPA010 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TACT Switch
TM
256
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Stem
length
Product No.
Minimum order
unit
(pcs.)
Drawing
No.
Operating
direction
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Stem
height
Product No.
Minimum order
unit
(pcs.)
Drawing
No.
Operating
direction
SKHHPJA010
SKHHPLA010
SKHHPQA010
SKHHPKA010
SKHHPMA010
SKHHPRA010
SKHHQVA010
SKHHQWA010
SKHHQYA010
SKHHPNA010
SKHHPPA010
SKHHQNA010
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
Vertical
0.25
50mA
12V DC
1,000,000
cycles
500,000
cycles
1,000,000
cycles
500,000
cycles
200,000
cycles
1,000,000
cycles
500,000
cycles
200,000
cycles
1,000,000
cycles
500,000
cycles
200,000
cycles
200,000
cycles
100m
Ω
max.
Black
Dark gray
Black
Dark gray
Red
Black
Dark gray
Red
Black
Dark gray
Red
Red
h=4.3mm
h=5mm
h=7mm
h=9.5mm
SKHHLMA010
SKHHLNA010
SKHHLPA010
SKHHLQA010
SKHHLRA010
SKHHLSA010
SKHHLUA010
SKHHLVA010
SKHHLWA010
SKHHNHA010
SKHHNJA010
SKHHNKA010
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
2.55N
0.98N
1.57N
Horizontal
0.25
1,000
1,000
50mA
12V DC
Rating
(min.)
Rating
(min.)
10
BA
1V DC
10
BA
1V DC
1,000,000
cycles
500,000
cycles
200,000
cycles
1,000,000
cycles
500,000
cycles
200,000
cycles
1,000,000
cycles
500,000
cycles
200,000
cycles
200,000
cycles
500,000
cycles
300,000
cycles
100m
Ω
max.
Black
Dark gray
Red
Black
Dark gray
Red
Black
Dark gray
Red
Red
Black
Dark gray
=3.85mm
R
=8.35mm
R
=5.85mm
R
=15.85mm
R
3
4
Horizontal Type
Product Line
With Ground Terminal Type
6mm Square (Snap-in Type)
SKHH Series
TACT Switch
TM


Similar Part No. - SKHHAPA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHHAPA010 ALPS-SKHHAPA010 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
More results

Similar Description - SKHHAPA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com