Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHC Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHC
Description  12mm Square(Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHC Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SKHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Snap-in
Type
Surface
Mount Type
Radial
Type
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
306
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT SwitchTM
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at solder joints(copper foil surface). A heat resistive tape
should be used to fix thermocouple.
3. Temperature profile
Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.
180
150
260˚C max. 3 sec max.
230˚C
Time
120 sec max.(pre-heating )
3 to 4min.
Time inside soldering equipment
Temperature (˚C )
40s max.
Manual Soldering
(Except SKRT Series)
Flux built-up
Mounting surface
should not be exposed to fluk
Ambient temperature of the soldered
surface of PC board.
100
℃ max.
60s max.
260
℃ max.
5s max.
Preheating temperature
Preheating time
Soldering temperature
Duration of immersion
Items
Condition
Condition
2times max.
Number of soldering
Soldering temperature
350
℃max.
3s max.
Duration of soldering
60W max.
Capacity of soldering iron
Items
1. Consult with us for availability of TACT Switch
TM washing.
2. Prevent flux penetration from the top side of the TACT Switch
TM.
3. Switch terminals and a PC board should not be coated with flux prior to soldering.
4. The second soldering should be done after the switch is stable with normal temperature.
5. Use the flux with a specific gravity of min 0.81.
(EC-19S-8 by TAMURA Corporation, or equivalents.)
Notes
Conditions for Auto-dip
Available for Snap-in Type and Radial Type
(Except SKHJ, SKHL, SKQJ, SKQK, SKEG series)
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board's temperature greatly differs from that of the switch, depending on the material, size, thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Note


Similar Part No. - SKHC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKHCABA010 ALPS-SKHCABA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKHCACA010 ALPS-SKHCACA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKHCADA010 ALPS-SKHCADA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
More results

Similar Description - SKHC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com