Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDKPA40200 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKPA40200
Description  5A 250V AC Qualified Primary Input Voltage Selection Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKPA40200 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKPA40200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKPA40200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
214
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
350
±10℃, 3±0.5s
–20
±2℃ for 96h
2,000V AC for 1minute
1,000V AC
for 1minute
–10
℃ to +60℃
50m
Ω max.
500M
Ω min.
500V DC
100m
Ω max.
100M
Ω min.
500V DC
500M
Ω min.
500V DC
10m
Ω max.
1,000M
Ω min.
500V DC
10N for 1minute
50N
30N
10N
260
±5℃, 10±1s
30N
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
350
±10℃, 3
s
–40
±2℃ for 240h
85
±2℃ for 240h
40
±2℃, 90 to
95%RH for 240h
100m
Ω max.
1
Ω max.
500M
Ω min.
500V DC
100M
Ω min.
100V DC
2,000V AC for 1minute
100V AC for 1minute
20N
5N
–10
℃ to +70℃
Operating temperature
range
Contact
resistance
Insulation
resistance
Voltage proof
Terminal
strength
Operating
direction
Perpendicular
direction
Manual
soldering
Dip
soldering
Cold
Dry heat
Damp heat
Resistance
to soldering
heat
Actuator
strength
Slide
Rotary
SDKG
SDKH
SDKP
SDKT
SDKZ
List of Varieties
+1
0
Photo
Travel
(mm)
Remark
6
2.2
Full rotation
With signal circuit
Page
227
229
230
231
232
Type
Series
Items
Load : As ratings
Without load
100cycles
20,000cycles
10,000cycles
30,000cycles
6A 125V AC
PS:16(6)A 250V AC,14(6)A 250V AC
DC:0.1A 12V DC
5A 250V AC
Rating
Operating life
Power Switches


Similar Part No. - SDKPA40200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKPA40200 ALPS-SDKPA40200 Datasheet
875Kb / 3P
   Primary voltage changeover switch replacing the SDKG
More results

Similar Description - SDKPA40200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
   Automatic 115/230 Input Voltage Selection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com