Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDKGA41700 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKGA41700
Description  5A 250V AC Qualified Primary Input Voltage Selection Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKGA41700 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKGA41700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKGA41700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKGA41700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rotary
Type
228
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
No.
Style
1
2
Dimensions
Unit:mm
V3.2 hole(Mounting part)
Self-tap hole
(Mounting part)
Marking Variety
Terminal Configuration
Lead
With index
1.2
For PC board
DPDT
Unit:mm
12
3
4
5
6
ø3
G1.8 hole
3.8
3
Terminal No.4
6
28
36
42
9
9
Travel
2-ø3.2 holes
15.6
10
0.8
7
A
Refer to the drawings of
terminal style
2-ø2
6
28
26
36
42
9
9
Terminal No.4
Turning stopper
2-ø2.2 holes
Travel
15.6
10
0.8
7
A
Circuit Diagram
(Viewed from Direction A)
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKG Series
Power Switch


Similar Part No. - SDKGA41700

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
SDK SCHURTER-SDK Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
logo
Winchester Electronics ...
SDK-2951 WINCHESTER-SDK-2951 Datasheet
44Kb / 1P
   PLUG
SDK-2963-13 WINCHESTER-SDK-2963-13 Datasheet
110Kb / 1P
   CLIP ASSEMBLY
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
   End stop limit switch
More results

Similar Description - SDKGA41700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
   Automatic 115/230 Input Voltage Selection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com