Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCFB3A0200 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SCFB3A0200
Description  Connector for CompactFlash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCFB3A0200 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SCFB3A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
49
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
PC board mounting hole dimensions
(Viewed from the mounting face side)
2-3.6 min.
(0.635×49=) 31.115
Pitch
21.75
43.5
39.9
2.25 min.
8.9
2.4
2.4
5.4
24.6 min.
15.7 min.
0.635
Width 0.35
No part mounting
No pattern area
#25
#26 #1
#50
20.8 max.
23.2 max.
26 min.
2-¿2.6
27.7 min.
2.5 max.
22
24.25
27.35
29.45 min.
2-Ground pad
0.7
39.9
2-¿1
43.5
43
PC board
mounting side
0.3 max.
5.85
(Full height)
27.35
24.25
25.95
27.65
29.05
2-¿2.54 max.
(48)
(55)
17 max.
27.1 max.
2-M2×P0.4
Range of movement of the lever
3 min.
PC board
mounting
side
1.27
Pitch 0.635
25.75
22.25
Knob lock pos.
Knob eject pos.
2-M2×P0.4
4.45
Knob
over tra.
#25
#50
#26
#1
2.4
8.9
22
27.35
2.25 min.
26.65
29.75
2-Ground pad
29.45 min.
24.6 min.
23.1 min.
2-3.6 min.
26 min.
2-ø2.6
5.4
2.4
21.75
43.5
(0.635×49=) 31.115
39.9
20.85 max.
15.7 min.
27.7 min.
#1
#26
Pitch 0.635
#50 #25
Land area
No part mounting
No pattern area
2.5 max.
Width 0.35
Dimensions
No.
5
2-¿2.54 max.
(51.6)
24.25
27.35
27.65
29.05
25.95
PC board
mounting
side
(48.35)
26.1
0.7
39.9
2-¿1
43.5
0.3 max.
5.85
(Full height)
43
17 max.
27.1 max.
Range of movement of the lever
3 min.
PC board mounting side
1.27
Pitch 0.635
4.45
22.25
Knob lock pos.
Knob
over tra.
Knob eject pos.
2-M2×P0.4
2-M2×P0.4
(55)
#26
#50
#1
#25
6
Style
Unit:mm
2 step
Reverse type
Stand–off 0mm
Position of knob: Right
2 step
Reverse type
Stand–off 0mm
Position of knob: Left
Connector for CompactFlash™
SCFB Series


Similar Part No. - SCFB3A0200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
   Programmable Time Delay Relay
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
   4 user-programmable timing modes
logo
Kemet Corporation
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
   KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
484Kb / 8P
   Common Mode SCF Coils, SCF Series, High Inductance Type
SCF-01-50002 KEMET-SCF-01-50002 Datasheet
385Kb / 4P
   SC Coils, SCF Compact, High-inductance Type
More results

Similar Description - SCFB3A0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
   CompactFlash Series 5 Specifications for Industrial CompactFlash Card
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
logo
List of Unclassifed Man...
AP-CF004GL9FS-NR ETC2-AP-CF004GL9FS-NR Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com