Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-P10S1-1G-CTE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SQF-P10S1-1G-CTE
Description  Advantech Industrial CompactFlash
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-P10S1-1G-CTE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SQF-P10S1-1G-CTE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Core Services
All product specifications are subject to change without notice
Last updated : 27-Mar-2009
Features
SQF-P10
Advantech Industrial CompactFlash
Capacity 1 GB ~ 16 GB
Supports SLC (single level cell) NAND Flash Memory
Supports PIO Mode 6 / Multi Word DMA Mode 2 / Ultra DMA Mode 5
Supports Security ID & S.M.A.R.T.
Hardware Specifications
Capacity
1 G/ 2 G/ 4 G/ 8 G/ 16 GB
Compatibility
CF 3.0, PC Card, Socket’s Services
Form Factor
CF Type-I
Voltage
3.3 V / 5.0 V
Data Transfer Mode
PIO Mode-6
MWDMA Mode-2
UDMA Mode-5
Sustained R/W Performance (*)
2 channel: 43/40 MB per second
1 channel: 22/15 MB per second
Operation Temperature
Commercial Grade: 0 to +70° C
Extended Grade: -40 to +85° C
Host interface
8/16 bit access
ECC (BCH)
Correct up to 6/12 random bits/sector
MTBF
>1,000,000 hours
Vibration resistance
16.5 G
Shock resistance
1,100 G (0.5 msec)
Security Feature Set
Security Disable Password
Security Erase Prepare
Security Erase Unit
Security Freeze Lock
Security Set Password
Security Unlock
(*)The values are for reference only; they may change according to the flash memory
used.
Software Specifications
Product key protected GUI Management Tool
GUI Management Tool User Interface
Encrypted Application Programming Interface (API) support
Security ID Read/Write and protecting sample code generator
Get S.M.A.R.T. attribute
Ordering Information
Part No.
Product Description
SQF-P10S1-1G-CTE
Advantech SQFlash 1 CF NR, DMA (0 ~ 70° C)
SQF-P10S2-2G-CTE
Advantech SQFlash 2 G CF NR, DMA (0 ~ 70° C)
SQF-P10S2-4G-CTE
Advantech SQFlash 4 G CF NR, DMA (0 ~ 70° C)
SQF-P10S2-8G-CTE
Advantech SQFlash 8 G CF NR, DMA (0 ~ 70° C)
SQF-P10S2-16G-CTE
Advantech SQFlash 16 G CF NR, DMA (0 ~ 70° C)
SQF-P10S1-1G-ETE
Advantech SQFlash 1 G CF NR, DMA (-40 ~ 85° C)
SQF-P10S2-2G-ETE
Advantech SQFlash 2 G CF NR, DMA (-40 ~ 85° C)
SQF-P10S2-4G-ETE
Advantech SQFlash 4 G CF NR, DMA (-40 ~ 85° C)
SQF-P10S2-8G-ETE
Advantech SQFlash 8 G CF NR, DMA (-40 ~ 85° C)
SQF-P10S2-16G-ETE
Advantech SQFlash 16 G CF NR, DMA (-40 ~ 85° C)


Similar Part No. - SQF-P10S1-1G-CTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
More results

Similar Description - SQF-P10S1-1G-CTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
Transcend Information. ...
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
List of Unclassifed Man...
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
   CompactFlash Series 5 Specifications for Industrial CompactFlash Card
AP-CF004GL9FS-NR ETC2-AP-CF004GL9FS-NR Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
logo
Advantech Co., Ltd.
SQF-UDM ADVANTECH-SQF-UDM Datasheet
336Kb / 1P
   Advantech Industrial USB DOM Industrial bNAND USB DOM
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com