Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCDG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDG
Description  Combine Type Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCDG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
26.55
19.95
6.45
21.75
Y
0.95
¿1.4 Hole
X
0.8(Pitch)
1.5(Pitch)
0.8(Pitch)
7-0.5
10-0.7
4.65
8-0.5
3.5
1.45
27.05
2.05
1.8
3.3
1
23.8
1.4+0.1
0
26.6
28.9
¿1.8 Hole
27.65
29.1
No pattern area
Land area
Connecter center
31.6
30.8
14.9
14.9
13.75
7.15
13.75
13.5
5.6
0.8(Pitch)
7-0.3
0.7
4.8
0.8(Pitch)
7-0.3
10- 0.3
31.6
Eject position(MS)
Lock position(MS)
Eject position(SD,MMC,xD)
Lock position(SD,MMC,xD)
No.#6
Coplanarity 0.15 max.
23.8
11
No.#5
No.@6
No.$5
No.@5
No.!8
No.!7
No.8
No.7
No.1
1.5(Pitch)
31.6
30.6
29.6
13.75
13.75
8.15
6.35
7.15
8.95
1.5(Pitch)
0.8
Pitch)
0.3
0.3
0.8(Pitch)
0.3
Lock position
SD,MMC,xD)
Eject position
SD,MMC,xD)
Eject position
MS)
Lock position
MS)
Connectorcenter
0.36
1(Pitch)
10.3
8.7
Coplanarity 0.15 max.
4.8
NO.@5
NO.1
NO.!8
NO.7
NO.8
NO.!7
NO.@6
NO.$5
23.8
11
0.8
Land area
No pattern area
26.55
21.75
6.45
Y
0.8(Pitch)
19.95
4.65
0.95
0.8(Pitch)
8-0.5
φ1.4 Hole
1.5
Pitch)
10-0.7
7-0.5
φ1.8 Hole
1.4
4-2.2
2.5
1
Pitch)
19-0.7
21.5
23.8
3.5
3 max.
22.4 min.
22.2 min.
0.9 max.
X
29.1
43
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
43
Combine Type Connector(for SD Memory Card, MultiMediaCard™, MultiMediaCard Plus™, Memory Stick™, xD-Picure Card™)
SCDG Series
PC board mounting hole dimensions
(Viewed from the mounting face side)
2
Unit:mm
No.
Style
Dimensions
1
Number
FOR
Pin assign
1SD
#9
2SD
#1
3
MMC Plus
#10
4SD
#2
5
MMC Plus
#11
6SD
#3
7SD
#4
8
MemoryStick
#10
9
MemoryStick
#9
10
MemoryStick
#8
11
MemoryStick
#7
12
MemoryStick
#6
Number
FOR
Pin assign
13
MemoryStick
#5
14
MemoryStick
#4
15
MemoryStick
#3
16
MemoryStick
#2
17
MemoryStick
#1
18
SD
#5
19
MMC Plus
#12
20
SD
#6
21
MMC Plus
#13
22
SD
#7
23
SD
#8
24
SD
SW.COM
Number
FOR
Pin assign
25
SD
SW.CD
26
XD
#1
27
XD
#0(CD)
28
XD
#2
29
XD
#3
30
XD
#4
31
XD
#5
32
XD
#6
33
XD
#7
34
XD
#8
35
XD
#9
36
XD
#10
Number
FOR
Pin assign
37
XD
#11
38
XD
#12
39
XD
#13
40
XD
#14
41
XD
#15
42
XD
#16
43
XD
#17
44
XD
#18
45
SD
SW.WP
Number
FOR
Pin assign
1SD
#9
2SD
#1
3
MMC Plus
#10
4SD
#2
5
MMC Plus
#11
6SD
#3
7SD
#4
8
MemoryStick
#10
9
MemoryStick
#9
10
MemoryStick
#8
11
MemoryStick
#7
12
MemoryStick
#6
Number
FOR
Pin assign
13
MemoryStick
#5
14
MemoryStick
#4
15
MemoryStick
#3
16
MemoryStick
#2
17
MemoryStick
#1
18
SD
#5
19
MMC Plus
#12
20
SD
#6
21
MMC Plus
#13
22
SD
#7
23
SD
#8
24
SD
SW.COM
Number
FOR
Pin assign
25
SD
SW.CD
26
XD
#1
27
XD
#0(CD)
28
XD
#2
29
XD
#3
30
XD
#4
31
XD
#5
32
XD
#6
33
XD
#7
34
XD
#8
35
XD
#9
36
XD
#10
Number
FOR
Pin assign
37
XD
#11
38
XD
#12
39
XD
#13
40
XD
#14
41
XD
#15
42
XD
#16
43
XD
#17
44
XD
#18
45
SD
SW.WP


Similar Part No. - SCDG

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
   Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
   SINGLE CABLE DUCT
More results

Similar Description - SCDG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHG ALPS-SCHG Datasheet
374Kb / 3P
   Combine Type Connector (for SIM Card 8pins, microSDTM Card)
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
List of Unclassifed Man...
FBZX5XXXX ETC-FBZX5XXXX Datasheet
33Kb / 1P
   Combine JIG Board
logo
ALPS ELECTRIC CO.,LTD.
SCDE ALPS-SCDE Datasheet
167Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
   Combine Small Form Factor with High Performance
logo
Hammond Manufacturing L...
RCHR HAMMOND-RCHR Datasheet
84Kb / 1P
   Rail de montage combine a trous ronds poinconnes
logo
List of Unclassifed Man...
LG214L ETC-LG214L Datasheet
167Kb / 2P
   Photointerrupter Combine high output GaAs IRED with Photo IC
logo
TOKYO SEIMITSU CO., LTD
APPLICATION ACCRETECH-APPLICATION Datasheet
216Kb / 1P
   Expand functions Combine options Proposal of user customization for improved efficiency
logo
Omron Electronics LLC
G6Y-1-DC5 OMRON-G6Y-1-DC5 Datasheet
353Kb / 6P
   Switching Structure Based on the Micro Strip Line is Used to Combine High Performance and Cost effectiveness
logo
KODENSHI_AUK CORP.
LG2A02ND2 KODENSHI-LG2A02ND2 Datasheet
1Mb / 2P
   Connector type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com