Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N11S4003 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N11S4003
Description  Low-profile Master Type竊늆lim Type竊
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N11S4003 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RS60N11S4003 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N11S4003 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N11S4003 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N11S4003 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Slide
Potentiometers
423
Rotary
Potentiometers
General-use
Mixer
Slide Potentiometers Control of Mixers
Total resistance
(kΩ)
List of Varieties
Item
Master type
Low-profile master type
Motor-driven master type
RS
□□K□□
RS
□□N1
RS
□□N11S
RS6011
□Y
RSA0K1
□V
RS
□□N1□M
Operating
force
Stopper
strength
Lever push-
pull strength
Standard
:0.1 to 0.6N
RS
□□N1□
Single-unit
:0.05 to 0.8N
Dual-unit
:0.05 to 0.9N
RS6011
□Y
0.1 to 2.0N
RS
□□N11S
0.05 to 0.8N
RS
□□N1□M
0.3 to 1.3N
RSA0K1
□V,
Single-unit
:0.15 to 0.65N
100N
100N
50N
手はんだ
ディップはんだ
Manual
soldering
Dip
soldering
350
℃ max. 3s max.
260
℃ max. 5s max.
RS
□□N1□M(Lead type), RSA0K1□V:not available
Lever deviation
(mm)
※Both Side
Lever
deviation
2
(2×L)
25
0.5mm max.
(One side)
10, 50, 100, 250
15A, 1B
RS
□□N1
:10, 50, 100, 250
RS
□□N11S:10, 50, 100, 250
RS6011
□Y :10, 20, 50
RS
□□N1
:15A, 1B, 10A
RS
□□N1□S:15A, 1B, 10A
RS6011
□Y
:15A, 1B, 10A
RS
□□N1□M:10, 50, 100, 250
RSA0K1
□V
:10
Single-unit
:1B
Dual-unit
:Servo 1B
Audio 15A, 1B, 10A
Resistance
taper
Cold
Dry heat
Damp heat
−30±2℃ for 96h
70
±2℃ for 240h
40
±2℃, 90 to 95%RH for 96h
Photo
Page
Travel
(mm)
Number of resistor
elements
60
(RS60K11)
100
(RSA0K11)
100
(RSA0K12)
60
(RS60N11)
100
(RSA0N11)
60
(RS60N12)
100
(RSA0N12)
60
(RS60N11S)
100
(RSA0N11S)
60
(RS6011SY)
60
(RS6011DY)
100
(RSA0K11V)
60
(RS60N11M)
100
(RSA0N11M)
435
424
428
434
438
Single-unit Dual-unit Single-unit Dual-unit
Single-unit
Dual-unit
Single-unit
Single-unit
(CP type)
1. Attenuation is specified for residual resistance.
2. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
3. Products other than those listed in the above list are also available. Please contact us for details.
Notes
Slide Volume Control Operations Cautions ……………………………………………………………………………444, 445


Similar Part No. - RS60N11S4003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
List of Unclassifed Man...
RS60N11S4006 ETC-RS60N11S4006 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60N11S4003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
   Low-profile Master Type竊늆uper Y Fader竊
RS60K11A9000 ALPS-RS60K11A9000 Datasheet
187Kb / 5P
   Master Type竊뉻 Fader竊
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25C SANREX-TG25C Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
logo
SanRex Corporation
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
   THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com