Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS20M11AJ00G Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RS20M11AJ00G
Description  Slim SlideTM竊뉽ow-profile竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS20M11AJ00G Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RS20M11AJ00G Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS20M11AJ00G Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS20M11AJ00G Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS20M11AJ00G Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS20M11AJ00G Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
General-use
Slide
Potentiometers
419
Rotary
Potentiometers
Mixer
Slim Slide
TM(Low-profile)
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
Code
05
length
(mm)
5
10
10
Code
C
J
Code
A
Resistance taper
15A
B
1B
V
3B
Code
1
Operating direction
Vertical
3
Center detent
without
with
Board in
A
Horizontal
without
Board in
C
with
Board in
R S 1 5 M 1 1 1
C 1 0
B 1 0 3
Travel
(mm)
15, 20
Resistance taper
Operating length
Shaft types
Operating direction, Center detent
Code
Total resistance
(kΩ)
502
5
Code
Total resistance
(kΩ)
104
100
103
10
203
20
204
200
503
50
254
250
Total resistance
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(1
5A
)
B: For tone & general
V: For vol.
marked are specifications recommended by ALPS.
Note


Similar Part No. - RS20M11AJ00G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS20 GOOD-ARK-RS20 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Cooper Bussmann, Inc.
RS20 COOPER-RS20 Datasheet
1Mb / 8P
   Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Schneider Electric
RS20 SCHNEIDER-RS20 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
IET Labs Inc.
RS200-2W-FP IET-RS200-2W-FP Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Zibo Seno Electronic En...
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS20M11AJ00G

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS301111J00P ALPS-RS301111J00P Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com