Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS15M11AJ00R Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS15M11AJ00R
Description  Slim SlideTM竊뉽ow-profile竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS15M11AJ00R Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS15M11AJ00R Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS15M11AJ00R Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS15M11AJ00R Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS15M11AJ00R Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS15M11AJ00R Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
General-use
Slide
Potentiometers
401
Rotary
Potentiometers
Mixer
Slide Potentiometers Cautions …………………………………………………………………………………………420, 421
1. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
2. Products other than those listed in the above list are also available. Please contact us for details.
3. The resistance taper specification in
()are individually defined.
4.
「RS□□」 □□ indicates travel.
Notes
List of Varieties
10, 20, 50, 100, 200
5, 10, 20, 50, 100 200, 250
RS
□□H1□
RS
□□M11
Type
Super Slide
TM
RS
□□11□
Slim Slide
TM
(Slim4)
Slim Slide
TM
(Low-Profile)
Operating force
Stopper
strength
Lever push-pull
strength
Lever wobble
(mm)
※Both sides
Detent slip-out
force
Lever deviation
(mm)
※One side
0.3 to 2.5N
50N
2
(2×L)
20
Operating force+
(0.2 to 2N)
0.2 to 1.1N
0.15 to 0.8N
30N
1.6 max.
Operating force+
(0.05 to 0.8N)
30N
With detent feeling
20N
0.5 max.
Manual
soldering
Dip soldering
350
℃ max. 3s max.
260
℃ max. 5s max.
Total resistance
(kΩ)
Cold
Dry heat
Resistance
taper
Damp heat
−30±2℃ for 96h
70
±2℃ for 96h
70
±2℃ for 240h
15A, 1B, 4B, 10A, 3B, 15C
15A, 1B, 3B
40
±2℃, 90 to 95%RH for 96h
Travel
(mm)
photo
Number of resistor
elements
Direction of lever
Vertical
Horizontal
Vertical
Horizontal
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
15
(RS15111)
20
(RS20111)
30
(RS30111)
45
(RS45111)
60
(RS6011Y)
20
(RS20112)
30
(RS30112)
45
(RS45112)
60
(RS60112)
15
(RS15H111)
15
(RS15H113)
20
(RS20H111)
20
(RS20H113)
30
(RS30H111)
15
(RS15H11A)
20
(RS20H11A)
20
(RS20H11C)
30
(RS30H11A)
15
(RS15H12A)
20
(RS20H12A)
30
(RS30H12A)
15
(RS15M111)
20
(RS20M111)
20
(RS20M113)
15
(RS15M11A)
20
(RS20M11A)
15
(RS15H121)
20
(RS20H123)
30
(RS30H121)
Page
402
410
416
Slide Potentiometers


Similar Part No. - RS15M11AJ00R

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
RS15M YENYO-RS15M Datasheet
664Kb / 2P
   Surface Mount Fast Recovery Rectifier
logo
Anova Technologies CO.,...
RS15M ANOVA-RS15M Datasheet
244Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS15MFL-PJ PJSEMI-RS15MFL-PJ Datasheet
739Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Xian Semipower Electron...
RS15MW SEMIPOWER-RS15MW Datasheet
123Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS15M11AJ00R

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS301111J00P ALPS-RS301111J00P Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com