Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9905MG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9905MG
Description  1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9905MG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9905MG_08 Datasheet HTML 1Page - Optoway Technology Inc SPB-9905MG_08 Datasheet HTML 2Page - Optoway Technology Inc SPB-9905MG_08 Datasheet HTML 3Page - Optoway Technology Inc SPB-9905MG_08 Datasheet HTML 4Page - Optoway Technology Inc SPB-9905MG_08 Datasheet HTML 5Page - Optoway Technology Inc SPB-9905MG_08 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9905MG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
1
SPB-9905MG / SPB-9905BMG / SPB-9905AMG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9905MLG / SPB-9905BMLG / SPB-9905AMLG
(LC BIDI SFP)
1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9905MG
l Simplex LC Connector: SPB-9905MLG
l Up to 2.67 Gb/s bi-directional data links
l Multirate for SONET OC-48 / SDH STM-16, Fibre
Channel 1x/2x, and 1000BASE
l 1490 nm DFB LD Transmitter
l 1310 nm Receiver
l Distance Up to 10 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPB-9905MG
l -10 to 85oC Operation: SPB-9905BMG
l -40 to 85oC Operation: SPB-9905AMG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-9905MG series is high performance module for
OC-48 / STM-16 and Gigabit Ethernet 1000BASE single
fiber communications by using 1490 nm transmitter and
1310 nm receiver. It is with the SFP 20-pin connector to
allow hot plug capability. The transmitter section uses a
multiple quantum well 1490 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC 60825. The receiver section is designed to receive 1310
nm signal. The receiver section uses an integrated 1310 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9905MG
Multirate*
5
1490 DFB
1310
SC SFP
0 to 70
-3 to -10
-18
Yes
SPB-9905BMG
Multirate*
5
1490 DFB
1310
SC SFP
-10 to 85
-3 to -10
-18
Yes
SPB-9905AMG
Multirate*
5
1490 DFB
1310
SC SFP
-40 to 85
-3 to -10
-18
Yes
SPB-9905MLG
Multirate*
5
1490 DFB
1310
LC SFP
0 to 70
-3 to -10
-18
Yes
SPB-9905BMLG
Multirate*
5
1490 DFB
1310
LC SFP
-10 to 85
-3 to -10
-18
Yes
SPB-9905AMLG
Multirate*
5
1490 DFB
1310
LC SFP
-40 to 85
-3 to -10
-18
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3.


Similar Part No. - SPB-9905MG_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9905MG OPTOWAY-SPB-9905MG_15 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9905MG_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9820MG OPTOWAY-SPB-9820MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9840MG OPTOWAY-SPB-9840MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9920MWG OPTOWAY-SPB-9920MWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9805MWG OPTOWAY-SPB-9805MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9905MWG OPTOWAY-SPB-9905MWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9820MWG OPTOWAY-SPB-9820MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9840MWG OPTOWAY-SPB-9840MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com