Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA0K12A1003 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0K12A1003
Description  Master Type竊뉻 Fader竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0K12A1003 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RSA0K12A1003 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0K12A1003 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0K12A1003 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0K12A1003 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0K12A1003 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Slide
Potentiometers
427
Rotary
Potentiometers
General-use
Mixer
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R S 6 0 K 1 1 A
9 T
A 1 0 3
60
A0
60mm
100mm
Resistor element type, and presence of micro switch.
Code
A
B
Resistor elements
Standard type
Without micro switch
With micro switch
Code
K
L
Resistor elements
CP type
Without micro switch
With micro switch
Total resistance
Code
Total resistance
(kΩ)
Code
Total resistance
(kΩ)
104
100
103
10
503
50
254
250
※CP type: Supports 10 kΩ only.
Travel
Single-unit
Dual-unit
1
2
Number of resistor elements
Resistance taper
Code
Resistance taper
A
15A
B
1B
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
A(1
5A
)
J
marked are specifications recommended by ALPS.
Note
Master Type Slide Potentiometer
(K Fader)
Type of operation unit
Code
Configuration code
01
1
04
9T
4
9-T
(T-Bar)


Similar Part No. - RSA0K12A1003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0K12A1013 ALPS-RSA0K12A1013 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RSA0K12A1013 ALPS-RSA0K12A1013 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
List of Unclassifed Man...
RSA0K12A1013 ETC-RSA0K12A1013 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0K12A1003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
   Low-profile Master Type竊늆uper Y Fader竊
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
   Low-profile Master Type竊늆lim Type竊
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25C SANREX-TG25C Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com