Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS20M111C000 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RS20M111C000
Description  Slim SlideTM竊뉽ow-profile竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS20M111C000 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RS20M111C000 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS20M111C000 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS20M111C000 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS20M111C000 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS20M111C000 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General-use
Slide
Potentiometers
416
Rotary
Potentiometers
Mixer
Single-unit
Available in 4.5mm-height board-in type.
Slim Slide
TM(Low-profile)
RS
□□M Series
±20%
0.15
to 0.8N
50V AC, 50V DC
10,000cycles
Total resistance tolerance
Items
Specifications
Operating life
Maximum operating voltage
Operating force
−10℃ to +70℃
Operating temperature range
Typical Specifications
Products other than those listed in above products are also available. Please contact us for details.
Note
Refer to P.418 for product varieties.
Refer to
P.418 for details of lever types.
Number of
resistor elements
Direction
of lever.
Vertical
Horizontal
15
20
15
20
RS15M111J002
RS20M111J000
RS20M111C000
RS20M113JA03
RS15M11AJ004
RS15M11AC006
RS15M11AJ00L
RS15M11AC003
RS15M11AJ00V
RS15M11AJ00R
RS20M11AJ00C
RS20M11AJ00G
RS20M11AJ00T
J
C
J
C
J
C
J
5
10
5
10
5
10
5
10
5
100
10
50
10
5
50
100
1B
Without
With
Without
Board in
1,000
1
2
3
2
4
5
4
5
4
6
Travel
(mm)
Products No.
Lever
types
Length of
lever
(mm)
Total resistance
(kΩ)
Resistance
taper
Center
detent
Terminal
Minimum packing
unit
(pcs.)
Drawing
No.
Product Line
Slide Potentiometer
Dimensions
Unit:mm
No.
Style
PC board mounting hole dimensions
5
36
0.4
20
A side
1
0.4
5
15
31
A side
L
2
36.5
A side
3
1
4-ø1.5 holes
L : Lug terminal
L1
5
10
2
2
2.6
R0.3
0.8
0.8
G5=4
2.6
2
R0.3
0.8
0.8G5=4
L
2
31.5
A side
3
1
4-ø1.5 holes
L : Lug terminal


Similar Part No. - RS20M111C000

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS20 GOOD-ARK-RS20 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Cooper Bussmann, Inc.
RS20 COOPER-RS20 Datasheet
1Mb / 8P
   Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Schneider Electric
RS20 SCHNEIDER-RS20 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
IET Labs Inc.
RS200-2W-FP IET-RS200-2W-FP Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Zibo Seno Electronic En...
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS20M111C000

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS301111J00P ALPS-RS301111J00P Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com