Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS30111AC00V Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # RS30111AC00V
Description  Standard Type竊늆uper SlideTM)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS30111AC00V Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

  RS30111AC00V Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS30111AC00V Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
General-use
Slide
Potentiometers
401
Rotary
Potentiometers
Mixer
Slide Potentiometers Cautions …………………………………………………………………………………………420, 421
1. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
2. Products other than those listed in the above list are also available. Please contact us for details.
3. The resistance taper specification in
()are individually defined.
4.
「RS□□」 □□ indicates travel.
Notes
List of Varieties
10, 20, 50, 100, 200
5, 10, 20, 50, 100 200, 250
RS
□□H1□
RS
□□M11
Type
Super Slide
TM
RS
□□11□
Slim Slide
TM
(Slim4)
Slim Slide
TM
(Low-Profile)
Operating force
Stopper
strength
Lever push-pull
strength
Lever wobble
(mm)
※Both sides
Detent slip-out
force
Lever deviation
(mm)
※One side
0.3 to 2.5N
50N
2
(2×L)
20
Operating force+
(0.2 to 2N)
0.2 to 1.1N
0.15 to 0.8N
30N
1.6 max.
Operating force+
(0.05 to 0.8N)
30N
With detent feeling
20N
0.5 max.
Manual
soldering
Dip soldering
350
℃ max. 3s max.
260
℃ max. 5s max.
Total resistance
(kΩ)
Cold
Dry heat
Resistance
taper
Damp heat
−30±2℃ for 96h
70
±2℃ for 96h
70
±2℃ for 240h
15A, 1B, 4B, 10A, 3B, 15C
15A, 1B, 3B
40
±2℃, 90 to 95%RH for 96h
Travel
(mm)
photo
Number of resistor
elements
Direction of lever
Vertical
Horizontal
Vertical
Horizontal
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
15
(RS15111)
20
(RS20111)
30
(RS30111)
45
(RS45111)
60
(RS6011Y)
20
(RS20112)
30
(RS30112)
45
(RS45112)
60
(RS60112)
15
(RS15H111)
15
(RS15H113)
20
(RS20H111)
20
(RS20H113)
30
(RS30H111)
15
(RS15H11A)
20
(RS20H11A)
20
(RS20H11C)
30
(RS30H11A)
15
(RS15H12A)
20
(RS20H12A)
30
(RS30H12A)
15
(RS15M111)
20
(RS20M111)
20
(RS20M113)
15
(RS15M11A)
20
(RS20M11A)
15
(RS15H121)
20
(RS20H123)
30
(RS30H121)
Page
402
410
416
Slide Potentiometers


Similar Part No. - RS30111AC00V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS30111AC00V ALPS-RS30111AC00V Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RS30111AC00V ALPS-RS30111AC00V Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS30111AC00V ETC-RS30111AC00V Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS30111AC00V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
   Low-profile Master Type竊늆uper Y Fader竊
RS15M111J002 ALPS-RS15M111J002 Datasheet
222Kb / 5P
   Slim SlideTM竊뉽ow-profile竊
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25C SANREX-TG25C Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
   Low-profile Master Type竊늆lim Type竊
RS60K11A9000 ALPS-RS60K11A9000 Datasheet
187Kb / 5P
   Master Type竊뉻 Fader竊
logo
SanRex Corporation
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
   THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com