Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5761FG-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5761FG-S6A1E
Description  Intel짰 Atom??N270 COM-Express CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5761FG-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5761FG-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5761FG-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-5761
CRT
18 x 2 bit LVDS
TV out
533 MHz FSB
SDVO
PCIe 1x 3
8 poert USB 2.0
2 SATA
HD Audio interface
PCIe 1 x 1
LPC Bus
SPI
Watchdog Timer/ GPIO
Hardware Monitor
Ethenet
Giga LAN
82574L
400/533 MHz
PCI Bus
Primary IDE
SM Bus
Intel Atom
N270 1.6 GHz
945GSE
ICH7M
Fintek
F75387
Fintek
F75111
BIOS
DDR2 SODIMM
Up to 2 GB
Ordering Information
Part No.
CPU
L2
Cache Chipset LVDS VGA SDVO
TV
out
Giga
LAN
HD
Audio PCIe
PCI USB
2.0 SATA LPC SMBUS
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5761FG-S6A1E
ATOM
N270
1.6 GHz
512K L2 945GSE
36-bit Yes
1
Yes
1
Yes
See
Note 1 4
8
2
1
1
Yes
Yes
Passive
0 ~ 60° C
Note 1: Supports 1 PCIe x4 or 3 PCIe x1. Preserve 1 PCIe x4 circuit if no need to use PCIe Giga LAN (BOM option, either one, default PCIe x1 for Giga LAN and 3 PCIe x1)
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for COM-Express with GLAN
Packing List
Part No.
Description
Quantity
SOM-5761 CPU Module
1
Utility CD
1
Heatspreader
1


Similar Part No. - SOM-5761FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5761FG-S6A1E ADVANTECH-SOM-5761FG-S6A1E Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
More results

Similar Description - SOM-5761FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
COM-587LF PROTECHSYSTEMS-COM-587LF Datasheet
860Kb / 2P
   COM Express Intel짰 Atom??N270 CPU Module / Fanless
logo
Advantech Co., Ltd.
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
SOM-5760 ADVANTECH-SOM-5760 Datasheet
1Mb / 2P
   Intel짰 Atom??SCH US15W XL COM-Express CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
logo
Protech Systems Co., Lt...
LB-586LF PROTECHSYSTEMS-LB-586LF Datasheet
562Kb / 2P
   Intel짰 Atom??N270 CPU Embedded board
logo
AAEON Technology
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
   COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com