Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5760-S1A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5760-S1A1E
Description  Intel짰 Atom??SCH US15W XL COM-Express CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5760-S1A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5760-S1A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5760-S1A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-5760
Ordering Information
Part No.
CPU
L2
Cache
Chipset
LVDS VGA SDVO
10/100
LAN
HD
Audio
PCIe
x 1
PCI USB
2.0
LPC SMBUS ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5760-S1A1E
ATOM Z510
1.1 GHz
512K L2 Intel SCH
US15W XL 24-bit Yes
See
Note 1
1
Yes
1
3
8
1
1
Yes
Yes
Passive
0 ~ 60° C
SOM-5760-S6A1E
ATOM Z530
1.6 GHz
512K L2 Intel SCH
US15W XL 24-bit Yes
See
Note 1
1
Yes
1
3
8
1
1
Yes
Yes
Passive
0 ~ 60° C
Note 1: SDVO Port is alternative of VGA function
Note 2: Wide range temp will be optional supported with 1.1G or 1.33G CPU
Note3: Without Lan and PCI, 2 PCIe x1 could be optional
Packing List
Part No.
Description
Quantity
SOM-5760 CPU Module
1
Utility CD
1
Heatspreader
1
Development Board
Part No.
Description
SOM-DB5700-00A2E
Development Board for COM-Express
Intel® Atom™
processor Z500 XL series
Chrontel
CH7317
PLX
PEX8112
Intel
82551QM
Intel® System
Controller Hub
US15W XL
DDR2
400/533 MHz FSB
PCI
SDVO
PCIe x 1
CRT
3 PCI interface
Fintek
F75387
SMBus
Hardware Monitor
Fintek
F75111
SMBus
Watchdog timer
8 GPIO
24 bit LVDS
8 port USB 2.0
1 Channel PIDE
HD Audio Interface
LPC Interface
SDIO
8 port USB 2.0
BIOS
FWH interface
PCIe x 1
10/100 Mbps
Ethernet


Similar Part No. - SOM-5760-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
SOM-5761FG-S6A1E ADVANTECH-SOM-5761FG-S6A1E Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
SOM-5761FG-S6A1E ADVANTECH-SOM-5761FG-S6A1E Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-5761Z-S6A1E ADVANTECH-SOM-5761Z-S6A1E Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-5761Z2-S6A1E ADVANTECH-SOM-5761Z2-S6A1E Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
More results

Similar Description - SOM-5760-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6760 ADVANTECH-SOM-6760 Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-3560 ADVANTECH-SOM-3560 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor SCH US15W Qseven CPU Module
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
logo
Protech Systems Co., Lt...
COM-587LF PROTECHSYSTEMS-COM-587LF Datasheet
860Kb / 2P
   COM Express Intel짰 Atom??N270 CPU Module / Fanless
logo
Advantech Co., Ltd.
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
SOM-7562 ADVANTECH-SOM-7562 Datasheet
894Kb / 2P
   Intel짰 Atom N450 COM-Ultra CPU Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
logo
List of Unclassifed Man...
EMETXE-I2601 ETC2-EMETXE-I2601 Datasheet
1Mb / 2P
   Intel Atom E680/ E640 COM Express CPU Module
logo
Advantech Co., Ltd.
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com