Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1751LT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1751LT
Description  GreenChip III SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1751LT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1751LT Datasheet HTML 7Page - NXP Semiconductors TEA1751LT Datasheet HTML 8Page - NXP Semiconductors TEA1751LT Datasheet HTML 9Page - NXP Semiconductors TEA1751LT Datasheet HTML 10Page - NXP Semiconductors TEA1751LT Datasheet HTML 11Page - NXP Semiconductors TEA1751LT Datasheet HTML 12Page - NXP Semiconductors TEA1751LT Datasheet HTML 13Page - NXP Semiconductors TEA1751LT Datasheet HTML 14Page - NXP Semiconductors TEA1751LT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TEA1751T_LT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 December 2009
11 of 29
NXP Semiconductors
TEA1751T; TEA1751LT
GreenChip III SMPS control IC
7.2.8 Overcurrent protection (PFCSENSE pin)
The maximum peak current is limited cycle-by-cycle by sensing the voltage across an
external sense resistor, RSENSE1, on the source of the external MOSFET. The voltage is
measured via the PFCSENSE pin.
7.2.9 Mains undervoltage lockout / brownout protection (VINSENSE pin)
To prevent the PFC from operating at very low mains input voltages, the voltage on the
VINSENSE pin is sensed continuously. As soon as the voltage on this pin drops below the
Vstop(VINSENSE) level, switching of the PFC is stopped.
The voltage on pin VINSENSE is clamped to a minimum value,
Vstart(VINSENSE) +ΔVpu(VINSENSE), for a fast restart as soon as the mains input voltage is
restored after a mains dropout.
7.2.10 Overvoltage protection (VOSENSE pin)
To prevent output overvoltage during load steps and mains transients, an overvoltage
protection circuit is built in.
As soon as the voltage on the VOSENSE pin exceeds the Vovp(VOSENSE) level, switching
of the power factor correction circuit is inhibited. Switching of the PFC recommences as
soon as the VOSENSE pin voltage drops below the Vovp(VOSENSE) level again.
When the resistor between pin VOSENSE and ground is open, the overvoltage protection
is also triggered.
7.2.11 PFC open loop protection (VOSENSE pin)
The power factor correction circuit does not start switching until the voltage on the
VOSENSE pin is above the Vth(ol)(VOSENSE) level. This protects the circuit from open loop
and VOSENSE short situations.
7.2.12 Driver (pin PFCDRIVER)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically
−500 mA and a current sink capability of typically 1.2 A. This permits fast turn-on
and turn-off of the power MOSFET for efficient operation.
Fig 6.
Voltage to current transfer function for dual boost PFC
VVINSENSE
II(VOSENSE)
014aaa097
−15 μA
2.2 V


Similar Part No. - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
More results

Similar Description - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com