Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1751LT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1751LT
Description  GreenChip III SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1751LT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1751LT Datasheet HTML 3Page - NXP Semiconductors TEA1751LT Datasheet HTML 4Page - NXP Semiconductors TEA1751LT Datasheet HTML 5Page - NXP Semiconductors TEA1751LT Datasheet HTML 6Page - NXP Semiconductors TEA1751LT Datasheet HTML 7Page - NXP Semiconductors TEA1751LT Datasheet HTML 8Page - NXP Semiconductors TEA1751LT Datasheet HTML 9Page - NXP Semiconductors TEA1751LT Datasheet HTML 10Page - NXP Semiconductors TEA1751LT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TEA1751T_LT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 December 2009
7 of 29
NXP Semiconductors
TEA1751T; TEA1751LT
GreenChip III SMPS control IC
7.1.2 Supply management
All internal reference voltages are derived from a temperature compensated and trimmed
on-chip band gap circuit. Internal reference currents are derived from a temperature
compensated and trimmed on-chip current reference circuit.
7.1.3 Latch input
Pin LATCH is a general purpose input pin, which can be used to switch off both
converters. The pin sources a current IO(LATCH) (80 μA typical). Switching off both
converters is stopped as soon as the voltage on this pin drops below 1.25 V.
At initial start-up the switching is inhibited until the capacitor on the LATCH pin is charged
above 1.35 V (typical). No internal filtering is done on this pin. An internal zener clamp of
2.9 V (typical) protects this pin from excessive voltages.
Fig 4.
Start-up sequence, normal operation and restart sequence
VCC
LATCH
PROTECTION
PFCSENSE
PFCDRIVER
FBSENSE
FBDRIVER
FBCTRL
VOSENSE
VO
charging VCC
capacitor
starting
converters
normal
operation
protection
restart
soft start
soft start
IHV
Vstart(VINSENSE)
Vto(FBCTRL)
Vstartup
Vth(UVLO)
Vtrip
VEN(LATCH)
Vstart(fb)
VINSENSE
014aaa156


Similar Part No. - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
More results

Similar Description - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com