Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7052A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA7052A
Description  1 W BTL mono audio amplifier with DC volume control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7052A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA7052A Datasheet HTML 4Page - NXP Semiconductors TDA7052A Datasheet HTML 5Page - NXP Semiconductors TDA7052A Datasheet HTML 6Page - NXP Semiconductors TDA7052A Datasheet HTML 7Page - NXP Semiconductors TDA7052A Datasheet HTML 8Page - NXP Semiconductors TDA7052A Datasheet HTML 9Page - NXP Semiconductors TDA7052A Datasheet HTML 10Page - NXP Semiconductors TDA7052A Datasheet HTML 11Page - NXP Semiconductors TDA7052A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
July 1994
8
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
APPLICATION INFORMATION
handbook, full pagewidth
positive
input
5 k
0.47
µF
R
S
6
MCD386 - 1
100 nF
220
µF
1
2
R = 8
L
TDA7052A
TDA7052AT
R = 16
L
V = 6 V
P
(1)
4
5
I + i
8
I – i
V
ref
STABILIZER
TEMPERATURE
PROTECTION
3
ground
(TDA7052A)
(TDA7052A/AT)
DC
volume
control
7
n.c.
Fig.6 Test and application diagram.
This capacitor can be omitted if the 220
µF electrolytic capacitor is connected close to pin 1.
handbook, halfpage
MCD387
4
volume
control
1 M
1
µF
Fig.7
Application with potentiometer as volume
control; maximum gain = 30 dB.


Similar Part No. - TDA7052A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-D08-T UTC-TDA7052AG-D08-T Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-S08-R UTC-TDA7052AG-S08-R Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7052A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com