Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POD-6552L-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # POD-6552L-00A1E
Description  Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POD-6552L-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  POD-6552L-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. POD-6552L-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 1-Nov-2008
Features
POD-6552
Onboard Intel® Celeron® M SBC
with VGA/LCD and Ethernet
Supports for Intel® Celeron® M processor with fanless design
Dual Display (CRT + LVDS, CRT + TV-Out, LVDS+TV-Out )
Supports up to 400 MHz Processor Side Bus
Supports up to 266 MHz DDR SODIMM
Supports 100Base-T Ethernet on board
Supports six USB 2.0 ports
CD-In
FAN1
FDD
PC/104
Power connector
TTL LCD CON
or DSTN CON
Parallel port
USB 2, 3
VGA
CompactFlash
TV-Out
Panel connector
Secondary
IDE
Primary
IDE
FAN2
ISA Slot
PCI VIO Setting
LVDS
CMOS Setting
Audio CON
COM 3, 4
USB 0, 1
LAN
Mouse
/KB
COM1, 2
VGA
D-SUB
USB 2, 3
PCI Slot
NEW
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System
CPU
Intel ULV Celeron M 600 MHz/ 1.0 GHz Socket 479, for Celeron-M CPU
Front Side Bus
400 MHz
L2 Cache
up to 512 KB
Chipset
Intel 852GM + ICH4
BIOS
Award 4 Mbit
Memory
Technology
DDR 200/266
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I, Type II
I/O Interface
LPT
1
FDD
1 (optional)
RS-232
3
RS-232/422/485
1
K/B
1
Mouse
1
USB
6 x USB 2.0
Audio
AC97, Speaker out, CD-input, Line-in, Line-out, Mic-in
IrDA
115 Kbps
EIDE
Mode
UDMA 100
Channel
2
Expansion Slot
PCI
2 x PCI, 1 x 8-bit ISA
PC/104
1
Ethernet
Speed
10/100Mbps
Controller
Realtek RTL8139D
Interface
RJ-45 by cable
Display
Controller
Intel 852GM
VRAM
Optimized Shared Memory Architecture up to 64 MB system memory
LVDS LCD
1 x 18-bit LVDS
TTL
1 x 18-bit TTL
TV-Out
Supports both NTSC/PAL, S-video or Composite Video
Dual Independent Display
CRT + LVDS, CRT + TV-Out, LVDS+TV-Out
Environment
Operation Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
AT, ATX (Optional)
Power Supply Voltage
+5 V, ±12 V ± 5%
Power Consumption: Typical
(Win2000, Kpower)
1.9 A @ +5 V (W/Celeron M 600 MHz, 128 MB DDR333)
0.10 A @ +12V V (W/Celeron M 600 MHz, 128 MB DDR333)
Power Consumption:
Max, test in HCT
(Win2000, Kpower)
2.8 A @ +5 V (W/Celeron M 600 MHz, 128 MB DDR333)
0.25 A @ +12 V (W/Celeron M 600 MHz, 128 MB DDR333)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
203 x 146 mm (8" x 5.75")
Weight
0.85 kg (1.87 lb) (weight of total package)


Similar Part No. - POD-6552L-00A1E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
POD-19X10.6-6P-SW FERYSTER-POD-19X10.6-6P-SW Datasheet
129Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
logo
Hirose Electric
POD-J-85 HIROSE-POD-J-85 Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LJ-2.5V HIROSE-POD-LJ-2.5V Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LP-1.5DV HIROSE-POD-LP-1.5DV Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LP-2.5DV HIROSE-POD-LP-2.5DV Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
More results

Similar Description - POD-6552L-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
logo
AAEON Technology
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
logo
Advantech Co., Ltd.
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
logo
AAEON Technology
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6881 ADVANTECH-PCI-6881 Datasheet
372Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com