Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMSTA55 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMSTA55
Description  500 mA PNP general-purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMSTA55 Datasheet(HTML) 7 Page - NXP Semiconductors

  PMSTA55 Datasheet HTML 1Page - NXP Semiconductors PMSTA55 Datasheet HTML 2Page - NXP Semiconductors PMSTA55 Datasheet HTML 3Page - NXP Semiconductors PMSTA55 Datasheet HTML 4Page - NXP Semiconductors PMSTA55 Datasheet HTML 5Page - NXP Semiconductors PMSTA55 Datasheet HTML 6Page - NXP Semiconductors PMSTA55 Datasheet HTML 7Page - NXP Semiconductors PMSTA55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PMSTA55_56_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 1 February 2010
7 of 8
NXP Semiconductors
PMSTA55; PMSTA56
500 mA PNP general-purpose transistors
12. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com


Similar Part No. - PMSTA55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSTA55 PHILIPS-PMSTA55 Datasheet
32Kb / 8P
   PNP general purpose transistors
1997 Jun 02
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
More results

Similar Description - PMSTA55

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
logo
NXP Semiconductors
BC807W-115 PHILIPS-BC807W-115 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
   50 V, 500 mA PNP general-purpose transistors
3 January 2022
BC807QB_SER NEXPERIA-BC807QB_SER Datasheet
317Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 10 December 2020
BC807QC-Q_SER NEXPERIA-BC807QC-Q_SER Datasheet
332Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC807 NXP-BC807 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
   80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com