Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC20A1820401 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC20A1820401
Description  20mm Size Metal Shaft Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC20A1820401 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC20A1820401 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC20A1820401 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC20A1820401 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
352
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
20mm Size Metal Shaft Type
RK203/EC20A Series
1. All the potentiometer types can be customized. Contact us with the detailed specifications if you have such
requirements.
2. The same size of the non-switch type can be used as an encoder type. The switch type is an incremental encoder
type only.
Notes
Heavy rotation torque and good operational feel, available in potentiometer and encoder type.
Metal Shaft Potentiometer
Potentiometer
Encoder
0.05W
1mA 5V DC
Rating
Items
Specifications
30,000cycles
Operating life
Typical Specifications
Products Line
Potentiometer
Vertical
Flat
30
Depending on individual
specification
240
$max
RK2031110
400
Products No.
Minimum
order unit
(pcs.)
Number
of detent
Rotational
angle
Operating section
Length of
operating section
(mm)
Operating
direction
Detent
torque
(mN・m)
Vertical
Flat
30
40
±20
18
EC20A1820401
400
1
Drawing
No.
2
Drawing
No.
3
18
EC20A1824401
Products No.
Minimum
order unit
(pcs.)
Number
of
detent
Number
of pulse
1.5
Travel of push-
on switch
(mm)
Operating
section
Length of
operating section
(mm)
Operating
direction
Detent
torque
(mN・m)
Encoder


Similar Part No. - EC20A1820401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A1820401 ALPS-EC20A1820401 Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
List of Unclassifed Man...
EC20A1820401 ETC-EC20A1820401 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC20A1820401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
   20mm Size Metal Shaft Magnetic Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com