Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9536DP Datasheet HTML 1Page - NXP Semiconductors PCA9536DP Datasheet HTML 2Page - NXP Semiconductors PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
3 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for HVSON8
PCA9536D
IO0
VDD
IO1
SDA
IO2
SCL
VSS
IO3
002aab849
1
2
3
4
6
5
8
7
PCA9536DP
IO0
VDD
IO1
SDA
IO2
SCL
VSS
IO3
002aab850
1
2
3
4
6
5
8
7
002aac459
IO3
SCL
IO2
SDA
IO1
VDD
IO0
Transparent top view
5
4
6
3
7
2
8
1
terminal 1
index area
PCA9536TK
VSS
Table 2.
Pin description
Symbol
Pin
Description
IO0
1
input/output 0
IO1
2
input/output 1
IO2
3
input/output 2
VSS
4
supply ground
IO3
5
input/output 3
SCL
6
serial clock line
SDA
7
serial data line
VDD
8
supply voltage


Similar Part No. - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
More results

Similar Description - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com