Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9536D
Description  4-bit I2C-bus and SMBus I/O port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9536D Datasheet HTML 1Page - NXP Semiconductors PCA9536D Datasheet HTML 2Page - NXP Semiconductors PCA9536D Datasheet HTML 3Page - NXP Semiconductors PCA9536D Datasheet HTML 4Page - NXP Semiconductors PCA9536D Datasheet HTML 5Page - NXP Semiconductors PCA9536D Datasheet HTML 6Page - NXP Semiconductors PCA9536D Datasheet HTML 7Page - NXP Semiconductors PCA9536D Datasheet HTML 8Page - NXP Semiconductors PCA9536D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The PCA9536 is an 8-pin CMOS device that provides 4 bits of General Purpose parallel
Input/Output (GPIO) expansion for I2C-bus/SMBus applications and was developed to
enhance the NXP Semiconductors family of I2C-bus I/O expanders. I/O expanders
provide a simple solution when additional I/O is needed for ACPI power switches,
sensors, push buttons, LEDs, fans, etc.
The PCA9536 consists of a 4-bit Configuration register (input or output selection), 4-bit
Input Port register, 4-bit Output Port register and a 4-bit Polarity Inversion register
(active HIGH or active LOW operation). The system master can enable the I/Os as either
inputs or outputs by writing to the I/O configuration bits. The data for each input or output
is kept in the corresponding Input Port or Output Port register. The polarity of the read
register can be inverted with the Polarity Inversion register. All registers can be read by
the system master.
The power-on reset sets the registers to their default values and initializes the device state
machine.
The I2C-bus address is fixed and allows only one device on the same I2C-bus/SMBus.
2.
Features
4-bit I2C-bus GPIO
Operating power supply voltage range of 2.3 V to 5.5 V
5 V tolerant I/Os
Polarity Inversion register
Low standby current
Noise filter on SCL/SDA inputs
No glitch on power-up
Internal power-on reset
4 I/O pins which default to 4 inputs with 100 k
Ω internal pull-up resistor
0 Hz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO8, TSSOP8 (MSOP8), HVSON8
PCA9536
4-bit I2C-bus and SMBus I/O port
Rev. 05 — 25 January 2010
Product data sheet


Similar Part No. - PCA9536D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
Texas Instruments
PCA9536D TI-PCA9536D Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Texas Instruments
PCA9536DCUR TI-PCA9536DCUR Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9536DG4 TI-PCA9536DG4 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
More results

Similar Description - PCA9536D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com