Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1171110W0D Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1171110W0D
Description  11mm Size Metal Shaft Low-profile Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1171110W0D Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK1171110W0D Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1171110W0D Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1171110W0D Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1171110W0D Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1171110W0D Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
342
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
11mm Size Metal Shaft Low-profile Type Potentiometer
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 1 1 7 1 1 1 0
F 1 5
C 0
B 1 0 3
1.
marked are specifications recommended by ALPS.
2. For 1.5mm-travel push-on switch requirements, please indicate separately.
Notes
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
Code
15
Length of the shaft
15
20
20
Code
25
Length of the shaft
25
Code
0
4
Switch
Without switch
With push-on switch
(0.5mm travel)
Detent
Code
C0
C1
Detent
Without
Center
Code
41
Detent
41
Switch
Length of the shaft
(L1
(mm)
Resistance taper
Code
A
B
V
Resistance taper
15A
1B
3B
Total resistance
Code
103
203
Total resistance
(kΩ)
10
20
Total resistance
(kΩ)
50
Code
503
B:For tone & general
V:For vol.


Similar Part No. - RK1171110W0D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK1171110W0D ETC1-RK1171110W0D Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
More results

Similar Description - RK1171110W0D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com