Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK097111020N Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097111020N
Description  9mm Size Metal Shaft Multi-ganged Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097111020N Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097111020N Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
335
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Metal Shaft Multi-ganged Type Potentiometer
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Shaft Dimensions of with Push-lock Mechanism
8
Locked state
Unlocked state
Front panel
Chassis
Unlocked state
Mounting pitch
min.10mm
Locked state
Unit:mm
Shaft Dimensions of with Push-lock Mechanism and with Pull-lock Mechanism
8
1.5
Locked state
Pull-lock
Unlocked state
Front panel
Chassis
Unlocked state
Mounting pitch
min.10mm
Locked state
Unit:mm
Example of uses
Example of uses
LB
Total travel
R
L1
M7G0.75
A
C1
9
60û
Shaft shown in full CCW
position.
Detail dimensions
※L1
LB
A
R
25
10
(5.7)
4.5
30
10
(10.7)
7
35
10
(15.7)
12
※Dimensions in unlocked state
LB
Total travel
R
L1
M6G0.75
A
1.5
C0.5
9
Pull-lock
Shaft angle is
not specified
Detail dimensions
※L1
LB
A
R
25
10
(5.7)
4.5
30
10
(10.7)
7
35
10
(15.7)
12
※Dimensions in unlocked state
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK097111020N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097111020N ALPS-RK097111020N Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
List of Unclassifed Man...
RK097111020N ETC-RK097111020N Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097111020N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com