Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1631210AWN Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631210AWN
Description  16mm Size Metal Shaft Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631210AWN Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK1631210AWN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
349
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Dimensions
Unit:mm
10.5
60
°
2
R1
C1
7.5
0.3
1.5
1
1
23
15
M7
G0.75
LB
R1
L1
Shaft shown in full CCW position
3.8
Mounting
surface
3-ø1.2 holes
12
C1
2
12.1
15
1
7.5
1.5
0.3
60
˚
7
3
2
1
M7x0.75
R1
R2
Shaft shown in full CCW position
L1
5
3.8
Mounting
surface
6-ø1.2 holes
No.
1
5
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Single-shaft, single-unit
RK163111
60
10.5
20
7
2
C1
15
12
3
7.5
1.5
0.3
M7
×0.75
12
Shaft shown in full
CCW position
2
Single-shaft, single-unit
RK163111
15
7.5
1.5
1
12
3
15
0.3
5
2
M7
×0.75
C1
R1
8
10.5
Shaft slot is
optional angle.
3.8
3–ø1.2 holes
Mounting
surface
3
Single-shaft, single-unit
RK163111
15
58
10.5
M7×0.75
C1
2
7.5
1.5
12 3
15
0.3
Shaft slot is
optional angle.
4
Single-shaft, single-unit
RK163111
Single-shaft, dual-unit
RK163121(For tone)
RK16312A(For volume)
15
5
8
12.1
M7×0.75
C1
R1
R2
2
7.5
1.5
1
1
23
15
0.3
Shaft slot is
optional angle.
6п1.2 holes
5
3.8
Mounting
surface
6
Single-shaft, dual-unit
RK163121(For tone)
RK16312A(For volume)
15
20
5
7
7
12
L1
LB
R1
20
25
L1
16mm Size Metal Shaft Type
RK163 Series
Metal Shaft Potentiometer


Similar Part No. - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631210AWN ALPS-RK1631210AWN Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
RK1631210AWN ETC-RK1631210AWN Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com