Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K1240062 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K1240062
Description  14mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K1240062 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK14K1240062 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
382
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Dimensions
Unit:mm
No.
1
2
3
4
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
LM1
R1
60
˚
2.6
2
6.25
(8.2)
13.5
(16.1)
14
0.7
Shaft shown in
full CCW position
R1
LM1
60
˚
14
(8.2)
(3.5)
(3.2)
surface
Mounting
Shaft shown in
full CCW position
60
˚
13.5
16.1
14
0.7
6
8
7
(7.5)
22.5
15
6.25
2
2.6
M9
G0.75
Shaft shown in
full CCW position
5
60
˚
14
6
8
(3.5)
(7.5)
(3.2)
M9
G0.75
surface
Mounting
Shaft shown in
full CCW position
5
R1
L1
LM1
2.1
3.3
7-ø1 holes
2
15.3
4
12
8
7-ø1 holes
3.3
2.1
7-ø1 holes
7-ø1 holes
8
12
4
15.3
2
Horizontal type without bushing
RK14K121(For tone control)
RK14K12A(For vol. control)
Vertical type without bushing
RK14K123(For tone control)
RK14K12C(For vol. control)
Horizontal type with bushing
RK14K122(For tone control)
RK14K12B(For vol. control)
Vertical type with bushing
RK14K124(For tone control)
RK14K12D(For vol. control)
LM1
25
R
1
12
15
4.5
LM1
15
20
R
1
4.5
7
25
12
L1
12.5 17.5
R
1
7
12
20
LM1
20
25
27.5
12
25
32.5
12
14mm Size Insulated Shaft Snap-in Type
RK14K Series
Insulated Shaft Potentiometer


Similar Part No. - RK14K1240062

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1240062 ALPS-RK14K1240062 Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K1240062 ETC-RK14K1240062 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K1240062

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com