Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84776A0010A000 Datasheet(PDF) 10 Page - EPCOS

Part # B84776A0010A000
Description  2-line filters IEC inlet filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84776A0010A000 Datasheet(HTML) 10 Page - EPCOS

Back Button B84776A0010A000 Datasheet HTML 4Page - EPCOS B84776A0010A000 Datasheet HTML 5Page - EPCOS B84776A0010A000 Datasheet HTML 6Page - EPCOS B84776A0010A000 Datasheet HTML 7Page - EPCOS B84776A0010A000 Datasheet HTML 8Page - EPCOS B84776A0010A000 Datasheet HTML 9Page - EPCOS B84776A0010A000 Datasheet HTML 10Page - EPCOS B84776A0010A000 Datasheet HTML 11Page - EPCOS B84776A0010A000 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2−line filters
B84776*A000
IEC inlet filters
Insertion loss (typical values at Z = 50 W)
B84776M0010A000
f
104
105
106
107
108
Hz
a
dB
0
20
40
60
80
100
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 10 of 12
B84776−*−A000−05−7659


Similar Part No. - B84776A0010A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84771A0003A000 EPCOS-B84771A0003A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84771A0006A000 EPCOS-B84771A0006A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84771A0008A000 EPCOS-B84771A0008A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84771A0010A000 EPCOS-B84771A0010A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
More results

Similar Description - B84776A0010A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
logo
Delta Electronics, Inc.
06GEEW3QM DELTA-06GEEW3QM Datasheet
452Kb / 2P
   IEC INLET FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
   IEC Inlet Filters
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
EPCOS
B84112-B-A10 EPCOS-B84112-B-A10 Datasheet
144Kb / 8P
   2-Line Filters
logo
List of Unclassifed Man...
RIQ0242H2 ETC1-RIQ0242H2 Datasheet
167Kb / 2P
   POWERLINE SERIES IEC INLET FILTERS SWITCHED AND FUSED
logo
API Technologies Corp
11-MPC-001-2-B APITECH-11-MPC-001-2-B Datasheet
2Mb / 31P
   Power Line Filters Appliance Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com