Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK11K1110A3D Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK11K1110A3D
Description  11mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK11K1110A3D Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK11K1110A3D Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK11K1110A3D Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK11K1110A3D Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK11K1110A3D Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK11K1110A3D Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
377
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
11mm Size Insulated Shaft Snap-in Type Potentiometer
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 1 1 K 1 1 4 0
F 2 2
C 0
B 1 0 3
Detent
Model type
Code
1
2
Model type
Horizontal type without bushing
3
Vertical type without bushing
4
Vertical type with bushing
Horizontal type with bushing
Shaft type
Code
F
Shaft type
Flat
Length of the shaft
(LM1
(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
22
22.5
27
27.5
32
32.5
Resistance taper
Total resistance
*Only available in flat format.
Orders other than recommended products
Code
C0
C1
Center detent
Without
With
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
15C
Code
C
3B
V
Code
502
103
203
Total resistance
(kΩ)
5
10
20
Total resistance
(kΩ)
50
100
Code
503
104
200
204
B: For tone & general
V: For vol.
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK11K1110A3D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K1110A3D ALPS-RK11K1110A3D Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK11K1110A3D ETC-RK11K1110A3D Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK11K1110A3D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com