Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6655BCJ Datasheet(PDF) 11 Page - New Japan Radio

Part # NJU6655BCJ
Description  64-common X 160-segment 1-icon common Bitmap LCD Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6655BCJ Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJU6655BCJ Datasheet HTML 7Page - New Japan Radio NJU6655BCJ Datasheet HTML 8Page - New Japan Radio NJU6655BCJ Datasheet HTML 9Page - New Japan Radio NJU6655BCJ Datasheet HTML 10Page - New Japan Radio NJU6655BCJ Datasheet HTML 11Page - New Japan Radio NJU6655BCJ Datasheet HTML 12Page - New Japan Radio NJU6655BCJ Datasheet HTML 13Page - New Japan Radio NJU6655BCJ Datasheet HTML 14Page - New Japan Radio NJU6655BCJ Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
-11 -
NJU6655B
Ver.2009-12-02
No.
SYMBOL
I/O
FUNCTION
6
FR
I/O
LCD alternating current signal I/O terminal.
M/S=”H” : Output
M/S=”L” : Input
4,9
SYNC
I/O
LCD synchronizing current signal I/O terminal.
M/S=”H” : Output
M/S=”L” : Input
LCD Display blanking control terminal.
M/S=”H” : Output terminal. Display “On” = “H”, Display “Off” = “L”
M/S=”L” : Input terminal. External control. Refer to the following table.
DOFb
Instruction
H
L
Display On
On
Off
Display Off
Off
Off
8
DOFb
I/O
81
IRS
I
Internal Feedback Resistor Select
IRS=“H” : Internal feedback
IRS=“L” : External feedback resistor
This setting is effective in the master operation. It is ineffective in the slave operation
but should be fixed to “H” or “L”.
5
FRS
O
The output terminal for the static drive.
This terminal is used in conjunction with the SYNC terminal.
89 to 120
C31 to C0
O
LCD driving signal output terminals.
-Common output terminals : C0 to C63
-Segment output terminals : S0 to S159
Common output terminals
The following output voltages are selected by the combination of alternating (FR)
signal and Common scanning data.
Scan Data
FR
Output Voltage
H
V5
H
L
VDD
H
V1
L
L
V4
122 to 124,
131 to 284,
291 to 293
S0 to S159
O
Segment output terminals
The following output voltages are selected by the combination of alternating (FR)
signal and display data in the RAM.
Output Voltage
RAM Data
FR
Normal
Reverse
H
VDD
V2
H
L
V5
V3
H
V2
VDD
L
L
V3
V5
294 to 325 C32 to C63
O
121,326
COMM
O
COM output terminals for the indicator.
Both terminals output the same signal. Leave these open if they are not used.
3
TEST1
O
Maker test only.
Normally open.
79
TEST2
I
Maker test only.
This terminal must connect to VSS.


Similar Part No. - NJU6655BCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
More results

Similar Description - NJU6655BCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
New Japan Radio
NJU6673 NJRC-NJU6673 Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6657 NJRC-NJU6657 Datasheet
764Kb / 78P
   88-common x 272-segment Bitmap LCD Driver
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
logo
New Japan Radio
NJU6676 NJRC-NJU6676 Datasheet
856Kb / 46P
   64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com