Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2723D Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2723D
Description  High Speed Current Feedback Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2723D Datasheet(HTML) 1 Page - New Japan Radio

  NJM2723D Datasheet HTML 1Page - New Japan Radio NJM2723D Datasheet HTML 2Page - New Japan Radio NJM2723D Datasheet HTML 3Page - New Japan Radio NJM2723D Datasheet HTML 4Page - New Japan Radio NJM2723D Datasheet HTML 5Page - New Japan Radio NJM2723D Datasheet HTML 6Page - New Japan Radio NJM2723D Datasheet HTML 7Page - New Japan Radio NJM2723D Datasheet HTML 8Page - New Japan Radio NJM2723D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NJM2723
- 1 -
Ver.2009-10-28
High Speed Current Feedback Operational Amplifier
■ General Description
■ Package Outline
The NJM2723 is a high speed, wide bandwidth and
high output current feedback operational amplifier.
Driving 150Ω load can expand the versatility of several
multimedia applications. Current feedback technology
has wide bandwidth and Low supply current.
With a 75MHz at G=+2, 24MHzat G=+10, high slew
rate of 2000V/µs, second harmonic distortion -65dB
and settling time of 50ns(0.1%) The NJM2723 makes it
ideal for high frequency amplifier, active filter and pulse
amplifier applications.
■ Features
High Speed
●Bandwidth
75MHz (−3dB, G=+2)
●Bandwidth
24MHz (−3dB, G=+10)
●Slew Rate
2000V/µs
For Video Applications (V+/V=±5V)
●Bandwidth
52MHz (−3dB, G=+2)
●Bandwidth
8MHz (0.1dB, G=+2)
●Differential Gain
0.05%
●Differential Phase
0.25deg
●Settling Time
50ns (0.1%, G=+2)
Low Noise
●Voltage Noise
6nV/√Hz (@1kHz)
●Current Noise
13pA/√Hz (@1kHz)
●THD
−60dBc (@10MHz)
●Specified for ±5V and ±15V operation
●150Ω Drive Capability
●Output Voltage
±3.5V min. (RL=150Ω, V
+/V=±15V)
±2.4V min. (RL=150Ω, V
+/V=±5V)
●Supply Range
±3.5V~±17.5V
●Supply Current
5mA max.
■ Applications
●High frequency amplifier
●Active Filter
●150Ωcable driver
●Video amplifier
150ΩDrive High Slew Rate OPAMP Lineup (Single)
SR=250V/µs SR=500V/µs SR=2000V/µs
Voltage Feedback
NJM2720
NJM2721
Current Feedback
NJM2723
NJM2723E
■ Pin Configuration
NJM2723D
N.C.
-INPUT
+INPUT
V-
OUTPUT
V+
N.C.
N.C.
8
7
6
5
1
2
3
4
( Top View )
ORDER INFORMATION
Parts
Package
NJM2723D
DIP8
NJM2723E
EMP8


Similar Part No. - NJM2723D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2720E NJRC-NJM2720E Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722E NJRC-NJM2722E Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results

Similar Description - NJM2723D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com