Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84320Z0010H034 Datasheet(PDF) 2 Page - EPCOS

Part # B84320Z0010H034
Description  EMP Protection Units
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84320Z0010H034 Datasheet(HTML) 2 Page - EPCOS

  B84320Z0010H034 Datasheet HTML 1Page - EPCOS B84320Z0010H034 Datasheet HTML 2Page - EPCOS B84320Z0010H034 Datasheet HTML 3Page - EPCOS B84320Z0010H034 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) Typical test pulse: rise time 10 ns, time to half value 1500 ns, charge voltage min. 50 kV, source impedance 90
General
The EMP protection unit is sequenced, i.e. to use simultaneously the benefits of inert-gas-filled
surge arresters (extremely high surge capability) and of varistors (fast response). They are isola-
ted by a series inductor.
The arrester is housed in a plug-in socket, so it can be removed and tested without detaching the
lines.
Note on voltage figures:
The maximum voltage on the filter output depends primarily on the rise time until the arrester re-
sponds. For this reason the maximum voltage on the filter output is stated in the following table as
a function of the rising edge dv/dt of the pulse.
Technical data
Rated voltage
VR
10
V
Rated frequency
fR
0 ... 2
Mbit/s Pass bandwidth at ZL
Rated current
IR
100
mA
Referred to +40
°C ambient
temperature
Number of lines
10
Pairs
Line impedance
ZL
124
Maximum DC resistance
Rmax
<2.2
Per line
Permissible ambient temperature TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Approx. weight
300
g
Nominal DC spark-over voltage
VsdcN
<800
V
Nominal surge current
5
kA
Line/line
(8/20
µs)
10
kA
Pair/case
Suppression condition
I < IR
Maximum voltage on filter output:
At rising edge
Unsymmetrical
Symmetrical
dv/dt = 0.1 kV/
µs
≤60 V
≤8 V
dv/dt = 1 kV/
µs
≤90 V
≤15 V
dv/dt = 1 kV/ns1)
≤70 V
≤40 V
EMP protection units
B84320Z0010H034
PCM data lines to 2 MBit/s
2


Similar Part No. - B84320Z0010H034

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84320Z0010H033 EPCOS-B84320Z0010H033 Datasheet
230Kb / 4P
   EMP Protection Units
B84320Z0010H035 EPCOS-B84320Z0010H035 Datasheet
230Kb / 4P
   EMP Protection Units
More results

Similar Description - B84320Z0010H034

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84320Z0010H035 EPCOS-B84320Z0010H035 Datasheet
230Kb / 4P
   EMP Protection Units
logo
Huber+Suhner, Inc.
3404.00.0011 HUBERSUHNER-3404.00.0011 Datasheet
825Kb / 2P
   EMP Protector
04.03.2021
3404.00.0012 HUBERSUHNER-3404.00.0012 Datasheet
826Kb / 2P
   EMP Protector
04.03.2021
logo
PHOENIX CONTACT
0822259 PHOENIX-0822259 Datasheet
72Kb / 3P
   UC-EMP (60X15)
0822275 PHOENIX-0822275 Datasheet
64Kb / 3P
   UC-EMP (60X30)
logo
EXCEL CELL ELECTRONIC C...
EMP ECE-EMP Datasheet
235Kb / 4P
   MODULAR PLUG EMP SERIES
logo
Glenair, Inc.
M24758-1-16 GLENAIR-M24758-1-16 Datasheet
80Kb / 1P
   EMI/EMP Shielding Conduit
logo
PHOENIX CONTACT
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
   Snap-in markers - UC-EMP (27X8)
0830778 PHOENIX-0830778 Datasheet
43Kb / 2P
   Equipment marking - EMP-AL (49X15)
0830796 PHOENIX-0830796 Datasheet
43Kb / 2P
   Equipment marking - EMP-AL (60X30)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com