Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK08H11100X7 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK08H11100X7
Description  Without Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK08H11100X7 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK08H11100X7 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
389
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Knob Operating Type Potentiometers
List of Varieties
Type
Model
Items
Rated power
Insulation resistance
Voltage proof
Strength
of the
operating
section
Stopper strength
Push-pull strength
(In vertical direction against the P.W.B. surface)
Vibration
Solder
heat
resistance
Manual soldering
Dip soldering
Reflow soldering
Cold
Dry heat
Damp heat
Without knob
RK08H1
□1
RK08H1
□2
RK08H1
□3
RK10J1
□E
RK10J1
□R
RK14J1
□A
RK14J1
□R
Vertical
back-to-back mounting
0.03W
100M
Ω min. 100V DC
100V AC
(for 1minute)
0.1N
・m
70mN
・m
10N max.
5N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
350
℃ max. 3s max.
260
±5℃
4
±1s
Please see
P.398
Please see
P.398
Please see
P.398
−10±2℃ for 96h
−25±2℃ for 240h
70
±2℃ for 240h
70
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Reflow
type
Insertion
type
Reflow
type
Insertion
type
Reflow
type
With knob
Maximum Attenuation or Residual Resistance
Nominal total resistance
Maximum attenuation
Nominal total resistance
Residual resistance
R
≧100kΩ
90dB min.
100k
Ω≧R≧50kΩ
0.1% or less
of nominal total resistance
100k
Ω>R≧50kΩ
80dB min.
50k
Ω>R>10kΩ
30
Ωor less
50k
Ω>R≧10kΩ
70dB min.
10k
Ω≧R
20
Ωor less
10k
Ω>R
60dB min.
※Application of non-standard
Photo
Page
390
394
Knob Operating Type Potentiometers Cautions …………………………………………………………………………399
Knob Operating Type Potentiometers Soldering Conditions ……………………………………………………………398
Contact us separately when you require reflow type taping specifications.
Note


Similar Part No. - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK08H11100X7 ALPS-RK08H11100X7 Datasheet
836Kb / 6P
   Compact type potentiometer suitable for volume and tone controls
logo
List of Unclassifed Man...
RK08H11100X7 ETC-RK08H11100X7 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK10J ALPS-RK10J Datasheet
319Kb / 6P
   With Knob Type
logo
Schneider Electric
9001KR9 SCHNEIDER-9001KR9 Datasheet
103Kb / 2P
   30MM PUSH-PULL OPERATOR WITHOUT KNOB
Dec 23, 2021
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
1227-K ETC2-1227-K Datasheet
95Kb / 1P
   KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
   KNOB
3025AS ETC2-3025AS Datasheet
77Kb / 1P
   KNOB
3008-W ETC2-3008-W Datasheet
82Kb / 1P
   KNOB
3065-E ETC2-3065-E Datasheet
82Kb / 1P
   KNOB
2820-B ETC2-2820-B Datasheet
79Kb / 1P
   KNOB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com