Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1665MD7 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1665MD7
Description  SP5T SWITCH GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1665MD7 Datasheet(HTML) 6 Page - New Japan Radio

  NJG1665MD7 Datasheet HTML 1Page - New Japan Radio NJG1665MD7 Datasheet HTML 2Page - New Japan Radio NJG1665MD7 Datasheet HTML 3Page - New Japan Radio NJG1665MD7 Datasheet HTML 4Page - New Japan Radio NJG1665MD7 Datasheet HTML 5Page - New Japan Radio NJG1665MD7 Datasheet HTML 6Page - New Japan Radio NJG1665MD7 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJG1665MD7
- 6 -
■ APPLICATION CIRCUIT
PARTS LIST
■ TEST PCB LAYOUT
(TOP VIEW)
PRECAUTIONS
[1] The DC blocking capacitors should be placed at RF terminal of P1, P2, P3, P4, P5 and PC.
Please choose appropriate capacitance values to the application frequency.
[2] The bypass capacitor (C7) should be placed as close as possible to VDD terminal.
[3] For good RF performance, all GND terminals are should be connected to PCB ground plane.
Part ID
Value
Notes
C1~C6
56pF
C7
1000pF
MURATA MFG
(GRM15)
(Top view)
4
5
6
12
11
10
8
13
7
9
14
1
2
3
DECODER
PC
P1
P2
P3
P4
P5
VDD
CTL1
CTL2
CTL3
C1
56pF
C2
56pF
C3
56pF
C4
56pF
C5
56pF
C6
56pF
C7
1000pF
PCB SIZE=39.0 x 20.0mm
PCB: FR-4, t=0.2mm
CAPACITOR: size 1005
STRIP LINE WIDTH=0.4mm
Losses of PCB and Connectors
Loss (dB)
Freq.
(GHz)
PC-P1
PC-P5
PC-P2
PC-P4
PC-P3
1.0
0.41
0.43
0.36
2.0
0.62
0.65
0.52
2.5
0.74
0.79
0.61
P3
P2
P4
P5
P1
PC
C1
C2
C3
C4
C5
C6
C7
1pin mark
GND
GND


Similar Part No. - NJG1665MD7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
   X-SPDT SWITCH GaAs MMIC
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
NJG1666MD7 NJRC-NJG1666MD7 Datasheet
288Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1667MD7 NJRC-NJG1667MD7 Datasheet
248Kb / 7P
   SP5T SWITCH GaAs MMIC
More results

Similar Description - NJG1665MD7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1667MD7 NJRC-NJG1667MD7 Datasheet
248Kb / 7P
   SP5T SWITCH GaAs MMIC
logo
DAICO Industries, Inc.
DS0705 DAICO-DS0705 Datasheet
162Kb / 1P
   GaAs SP5T
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
   Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
   Switch SP5T
CSW52216 DAICO-CSW52216 Datasheet
161Kb / 1P
   Switch SP5T
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
   SP5T SWITCH
logo
Spectrum Microwave, Inc...
310-021005-001 SPECTRUM-310-021005-001 Datasheet
117Kb / 1P
   SP5T SWITCH
logo
DAICO Industries, Inc.
DSW56178 DAICO-DSW56178 Datasheet
188Kb / 1P
   Switch SP5T
logo
New Japan Radio
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com